Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7264N Datasheet(PDF) 10 Page - ams AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7264N Datasheet(HTML) 10 Page - ams AG

Back Button AS7264N Datasheet HTML 6Page - ams AG AS7264N Datasheet HTML 7Page - ams AG AS7264N Datasheet HTML 8Page - ams AG AS7264N Datasheet HTML 9Page - ams AG AS7264N Datasheet HTML 10Page - ams AG AS7264N Datasheet HTML 11Page - ams AG AS7264N Datasheet HTML 12Page - ams AG AS7264N Datasheet HTML 13Page - ams AG AS7264N Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Operation Characteristics
Figure 11:
AS7264N LGA Package Field of View
LGA Package Substrate
DIE
DIE
DIE
DIE
DIE
DIE
α = 12°
H=2.5mm
Sensor
Lens
Diffused Light
β = 20.5°
β = 220 5°
A=0.75mm
βββ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com