Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8521 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
6
3. Single system
SN0 should be connected to one of the drivelines or ground.
The bank that will be selected is equal to drive line number to which SN0 is connected. When connected to
ground the number will be 7. This achieved by loading the bank select flip-flops BS0 to BS2 with the contents of
C5 to C7 of the control timer when sense line SN0 is at logic 0. In this way it is possible to use two different
systems in one transmitter by using a side switch. With this option SN0 cannot be used to connect keys, so the
maximum number of keys will be lower (49 keys with 20-pin IC).
4. Multi system
The bank is selected by key for maximum 8 different systems (e.g. TV, VCR, CD, etc.), any key is flexible for
bank selection. When a user inserts a new battery, the default bank is always in bank 7. If only bank 7 is used,
then maximum number of key can be 56 keys for a 20-pin IC
5. ROM
Logic 1
Logic 0
A schematic diagram of the ROM is illustrated. The ROM is divided into 8 banks of 2
× 64 bytes. Bank selection
is performed using flip-flops BS0 to BS2 that are the 3 highest bits of the address. With the ‘single system’ these
bits are loaded from the 3 MSBs of the scan control when SN0 = 0. At power-on the bank select flip-flops will be in
an arbitrary state.
When a key was activated, the key number is stored in the 6-bit key register. This register forms the lower bits of
the ROM address. For each command the ROM will be accessed twice. This gives 16 bits in total (M0L to M7L
and M0H to M7H). The bits are described in Table 2.
Table2 ROM bit description
Bits
Function
M0LtoM5L
Command bits 0to5
M6L
Field bit. This bit indicates whether command codes 0 to 63 are used (filed bit is at logic 1)
or command codes 64 to 127 are used (filed bit is at logic 0).
M7L
Inhibit bit. When this bit is at logic 1 no transmission will take place. When this bit is at
logic 0 the appropriate code word will be transmitted.
M0H to M4H
System bits 0 to 4
M5H to M7H
Bank select. Will be stored in BS0 to BS2 when the ‘multi-system’ option is selected. With
single system bits M5H to M7H are don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com