Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56783AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M56783AFP
Description  3 CHANNEL ACTUATOR DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56783AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M56783AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3 CHANNEL ACTUATOR DRIVER
M56783AFP
MITSUBISHI <CONTROL / DRIVER IC>
V
ABSOLUTE MAXIMUM RATING (Ta = 25
°C)
Symbol
Conditions
Units
Parameter
VBS
Bootstrap power supply
VBS power supply
15
PIN DESCRIPTION
Symbol
Function
Pin No.
Pin No.
VREF
VBS
SOUT1
SIN1-
VM1-
VM1+
Vm12
MGND
GND
VM2+
VM2-
SOUT2
SIN2-
Symbol
OUT1
IN1-
IN1+
OP1OUT
OP1-
OP1+
MUTE1
MUTE2
GND
VM3+
VM3-
IN3-
Vm3
Reference voltage input
Bootstrap power supply
S1 amplifier output
S1 amplifier inverted input
CH1 inverted output
CH1 non-inverted output
1CH, 2CH Motor power supply
Motor GND
GND
CH2 non-inverted output
CH2 inverted output
S2 amplifier inverted input
S2 amplifier output
E3 amplifier output
E1 amplifier inverted input
E1 amplifier non-inverted input
OP1 amplifier output
OP1 amplifier inverted input
OP1 amplifier non-inverted input
1CH, 2CH mute
3CH mute
GND
CH3 non-inverted output
CH3 inverted output
3CH Motor power supply
B1 buffer input
Function
Vm
Io12
Vin
Pt
K
θ
Tj
Topr
Tstg
Rating
V
Motor power supply
Vm power supply
15
A
1CH, 2CH Output Current
1.0
V
Power dissipation
W
Free Air
mW/
°C
Thermal derating
Free Air
1.2
°C
Junction temperature
9.6
°C
Operating temperature
°C
150
-20 – +75
2
3
4
5
6
14
16
17
18
1
15
–
9
13
41
40
39
38
37
35
29
27
26
25
42
28
–
28
34
,
,
,
,
,
,
,
,
,
,
,
,
Pins
Maximum input voltage of terminals
-40 – +150
1
19
OUT2
E2 amplifier output
24
IN3+
B2 buffer input
7
36
20
IN2-
E2 amplifier inverted input
TP
TEST
Storage temperature
,
Pins
19
20
22
23
25
4
16
0 – VBS
Vm12
V
8
21
E2 amplifier non-inverted input
OP2 amplifier output
IN2+
OP2OUT
OP2+
OP2-
OP2 amplifier non-inverted input
OP2 amplifier inverted input
23
22
*Note1
*Note1. The
pin (TP) is test terminal. Please make an open the
pin (TP).
24
24
Io3
3CH Output Current
*Note2
26
35
36
37
38
40
41
0.7
A
*Note2. The ICs must be operated within the Pt (power dissipation) or the area of safety operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com