Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2617B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2617B Datasheet HTML 1Page - Monolithic Power Systems MP2617B Datasheet HTML 2Page - Monolithic Power Systems MP2617B Datasheet HTML 3Page - Monolithic Power Systems MP2617B Datasheet HTML 4Page - Monolithic Power Systems MP2617B Datasheet HTML 5Page - Monolithic Power Systems MP2617B Datasheet HTML 6Page - Monolithic Power Systems MP2617B Datasheet HTML 7Page - Monolithic Power Systems MP2617B Datasheet HTML 8Page - Monolithic Power Systems MP2617B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MP2617A, MP2617B
3A Switching Charger with NVDC
Power Path Management
For Single Cell Li+ Battery
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
1
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2617A / MP2617B is a monolithic
switch mode battery charger with power path
management for single-cell Li-ion batteries in a
wide range of tablet and other portable devices.
It integrates a synchronous BUCK regulator to
provide regulated voltage for powering the
system output and at the same time charging
the battery. This device supports both USB and
high power DC adapter input. In USB mode, the
input current limit can be programmed to
450mA or 825mA via the logic pins to cover the
USB2.0 and USB3.0 specifications. When the
adapter input is present, the input current can
also be limited in order to avoid overloading of
the DC adapter. Input current limit can be
programmed up to 3A.
The smart power path management allows
MP2617A and MP2617B to regulate the system
voltage for powering an external load and
charging
the
battery
independently
and
simultaneously. This allows immediate system
operation
even
under
missing
or
deeply
discharged battery. When the input current limit
is reached, the system load is satisfied in
priority, then the charger will take the remaining
current to charge the battery. Additionally, the
smart power path control allows an internal
connection from battery to the system in order
to supplement additional power to the load in
the event the system power demand increases
over the input limited power or the input is
removed.
The
MP2617A
/
MP2617B
features
high
integration with all the power switches integrate
inside. No external MOSFET, blocking diodes,
or current sense resistor is required.
Two status monitor output pins are provided to
indicate the battery charge status and power
source status. Other features include trickle
charge, battery temperature monitoring, timer
and thermal limiting regulation on chip.
The MP2617A / MP2617B is available in QFN
3mmx4mm package.
FEATURES
 4V to 10V Operating Input Voltage
 Smart Power Path Management
 Five Control Loops: Input Current Limit,
Input
Voltage
Limit,
Constant
Charge
Current,
Terminal
Battery
Control
and
Thermal Fold-Back.
 1.6MHz Switching Frequency
 Programmable Input Current Limit
 Programmable Charge Current
 Single Input for USB and AC adapter
 Cover
USB2.0
and
USB3.0
Input
Specification
 Fully Integrated Power Switches
 No External Blocking Diode and Sense
Resistor Required
 Charging Operation Indicator
 Built-in Programmable Charging Timer
 Thermal Limiting Regulation on Chip
 Battery Temperature Monitor
 Tiny Package Features Small Size.
APPLICATIONS
 Smart Phone
 E-Book
 GPS
 Portable Media Player
 Portable Hand-held Solution
 Tablet PC
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP2617B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617B MPS-MP2617B Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617BGL MPS-MP2617BGL Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617BGL-P MPS-MP2617BGL-P Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617BGL-Z MPS-MP2617BGL-Z Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
More results

Similar Description - MP2617B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com