Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2617BGL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 12Page - Monolithic Power Systems MP2617BGL Datasheet HTML 13Page - Monolithic Power Systems MP2617BGL Datasheet HTML 14Page - Monolithic Power Systems MP2617BGL Datasheet HTML 15Page - Monolithic Power Systems MP2617BGL Datasheet HTML 16Page - Monolithic Power Systems MP2617BGL Datasheet HTML 17Page - Monolithic Power Systems MP2617BGL Datasheet HTML 18Page - Monolithic Power Systems MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
16
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Introduction
The MP2617A and MP2617B is a switching
charger IC, with integrated smart power path
management for
powering
the system
and
charging a single cell battery simultaneously and
independently.
The MP2617A and MP2617B includes input DC-
DC step down converter for wide range of DC
sources and USB inputs. It has precision average
input current limit to make maximum use of the
allowable input power. This feature allows fast
charging when powering from an USB port, and
ensures the input current never exceeds the
input power specification especially when the
input power comes from a USB port. Additionally,
the
input
current
limit
threshold
can
be
programmed by logic inputs or a resistor to
ground from the ILIM pin.
The MP2617A and MP2617B implements an on-
chip 4
0mΩ MOSFET which works as a full-
featured linear charger with trickle charge, high
accuracy constant current and constant voltage
charge, charge termination, auto recharge, NTC
monitor, built-in timer control, charge status
indication, and thermal protection. The charge
current can be programmed by an external
resistor connected from the ISET pin to AGND.
The IC limits the charge current when the die
temperature exceeds 120°C.
The 4
0mΩ MOSFET works as an ideal diode to
connecting the battery to the system load when
the input power is not enough to power the
system load. When the input is removed, the
40m
Ω MOSFET is turned on allowing the battery
to power up the system.
With smart power path management, the system
load is satisfied in priority then the remaining
current is used to charge the battery. The
MP2617A and MP2617B will reduce charging
current or even use power from the battery to
satisfy the system load when its demand is over
the input power capacity.
Figure 1 shows the function block diagram of the
MP2617A and MP2617B.
DC-DC Step Down Converter
The DC-DC converter is a 1.6MHz step-down
switching regulator to provide the input power to
the
SYS,
which
drives
the combination of the system load and battery
charger. The regulator contains input current
measurement and control scheme to ensure the
average input current remains below the level
programmed via ILIM pin or logic inputs M0&M1.
This meets the adapter capacity limit or stays in
compliance with USB specification.
When the input voltage is higher than UVLO and
280mV higher than the battery voltage, input
voltage OK signal is active (ACOK
——————
turns low) and
the DC-DC converter soft-starts. If the input
power is sufficient to supply the combination of
the system load and battery charger, and the
input current limit loop is not triggered. The
converter output voltage VSYS will be regulated:
1) If BATT>3.4V, VSYS is approximately 0.2V
above the battery voltage to minimize the power
loss of the battery charger during fast charging.
2) If BATT<3.4V, VSYS is fixed at 3.6V to power
the system immediately even when a drained
battery is inserted to be charged. Figure 2 shows
the relationship of VSYS vs. VBATT.
System voltage can also be regulated to any
value between 4.08V to 4.4V in MP2617B (4.22V
to 4.63V in MP2617A) by using a resistor divider
on the SYSFB pin. This is shown as R6 and R7
in Figure 10. If the SYSFB is left floating, the
system program is invalid, and VSYS is regulated
as Figure 2.
The converter adopts fixed off-time control to
extend the duty cycle (close to 100%) when the
input of the converter is close to VSYS.
4.4V
4.2V
3.6V
4.2V
3.4V
200mV
VBATT
VSYS
Figure 2
— MP 2617B SYS Regulation
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com