Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2619 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2619
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2619 Datasheet HTML 8Page - Monolithic Power Systems MP2619 Datasheet HTML 9Page - Monolithic Power Systems MP2619 Datasheet HTML 10Page - Monolithic Power Systems MP2619 Datasheet HTML 11Page - Monolithic Power Systems MP2619 Datasheet HTML 12Page - Monolithic Power Systems MP2619 Datasheet HTML 13Page - Monolithic Power Systems MP2619 Datasheet HTML 14Page - Monolithic Power Systems MP2619 Datasheet HTML 15Page - Monolithic Power Systems MP2619 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2619 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2619 Rev. 1.01
www.MonolithicPower.com
12
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
When time-out occurs, charger is suspended.
And only refresh the input power or EN signal or
auto-recharge (The event that VBATT falls through
4V/cell) can restart the charge cycle.
Negative
Thermal
Coefficient
(NTC)
Thermistor
The MP2619 has a built-in NTC resistance
window comparator, which allows MP2619 to
sense the battery temperature via the thermistor
packed internally in the battery pack to ensure a
safe operating environment of the battery. A
resistor with appropriate value should be
connected from VREF33 to NTC pin and the
thermistor is connected from NTC pin to GND.
The voltage on NTC pin is determined by the
resistor divider whose divide ratio depends on
the battery temperature. When the voltage of pin
NTC falls out of NTC window range, MP2619 will
stop the charging. The charger will restart if the
temperature goes back into NTC window range.
Power Path Management
MP2619 can implement a switching charger
circuit with power path management function,
which realizes the current sharing of the charger
and system load. In another word, MP2619
senses the system current and feeds it back,
then reduces charge current according to the
increase of the system current.
However, after the charge current decrease to 0,
the system current can only be limited by the
adapter.
The system current is satisfied first and always. It
chooses the adapter as its power source when
the adapter plugs in, and the battery is the
backup power source when the adapter is
removed.
Figure 2 to 6 shows the charge profile, operation
waveform and flow chart, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com