Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF22504HT Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 98Page - Infineon Technologies AG PEF22504HT Datasheet HTML 99Page - Infineon Technologies AG PEF22504HT Datasheet HTML 100Page - Infineon Technologies AG PEF22504HT Datasheet HTML 101Page - Infineon Technologies AG PEF22504HT Datasheet HTML 102Page - Infineon Technologies AG PEF22504HT Datasheet HTML 103Page - Infineon Technologies AG PEF22504HT Datasheet HTML 104Page - Infineon Technologies AG PEF22504HT Datasheet HTML 105Page - Infineon Technologies AG PEF22504HT Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 255 page
background image
QuadLIU
TM
PEF 22504
Functional Description
Data Sheet
102
Rev. 1.3, 2006-01-25
3.9
Transmit Path
The transmit path of the QuadLIU
TM is shown in Figure 36.
Figure 36
Transmit System of one Channel
The serial transmit bit stream (single rail or dual rail) is processed by the transmitter which has the following
functions:
•
AIS generation (blue alarm)
•
Generation of In-band loop-up/-down code
3.9.1
Transmit Line Interface
The transmit line interface includes two integrated serial resistors R
TX as shown in Figure 37. Two application
modes are possible:
•
For non-generic applications the extermal serial resistance R
SER is dependent on the operation mode
(E1/T1/J1) as shown in Table 28. The additional register bit PC6.TSRE is not used, R
TX is always 2 Ω
•
For generic E1/T1/J1 applications with optimized return loss the transmit output resistance R
TX is configured
by the register bit PC6.TSRE: The operation mode (E1/T1/J1) is selected by software without the need for
external hardware changes: Here the external resistor R
SER is always 0 Ω, see Table 28.
In E1 mode the value of R
SER in Table 28 is valid for both characteristic line impedances Z0 = 120 Ω and Z0 = 75 Ω.
Note that shorts between XL1 and XL2 cannot be detected, because the short circuit current is lower than 120 mA.
This way a short between XL1 and XL2 will not harm the device
The analog transmitter transforms the unipolar bit stream to ternary (alternate bipolar) return to zero signals of the
appropriate programmable shape. The unipolar data is provided on pin XDI and the digital transmitter.
Pulse
Shaper,
LBO
Encoder
XDIP
XCLK
XL2
DCO-X
Dual Transmit Elastic Buffer
MCLK
QLIU_ITS10305
Transmit Line
Interface
E: controlledby CMR2.IXSC andCMR2.IRSC
F: controlledby CMR1.DXSSand automatic transmit clock switching
G: controlledby LIM1.RL,JATT andLIM2.ELT
H: controlledby DIC1.XBS(1:0) andautomatic transmit clock switching
%: divider: controlledby CMR6.STF(2:0)
Master
Clocking Unit
DAC
XL1/XOID
G
H
E
F
%
FCLKR
TCLK
FCLKX
Automatic Transmit
Clock Switching
recovered
receive clock
internal
transmit
clock
from
DCO-R
(in)
XL4
XL3
XDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com