Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF22504HT Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # PEF22504HT
Description  Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22504HT Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button PEF22504HT Datasheet HTML 94Page - Infineon Technologies AG PEF22504HT Datasheet HTML 95Page - Infineon Technologies AG PEF22504HT Datasheet HTML 96Page - Infineon Technologies AG PEF22504HT Datasheet HTML 97Page - Infineon Technologies AG PEF22504HT Datasheet HTML 98Page - Infineon Technologies AG PEF22504HT Datasheet HTML 99Page - Infineon Technologies AG PEF22504HT Datasheet HTML 100Page - Infineon Technologies AG PEF22504HT Datasheet HTML 101Page - Infineon Technologies AG PEF22504HT Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 255 page
background image
QuadLIU
TM
PEF 22504
Functional Description
Data Sheet
98
Rev. 1.3, 2006-01-25
3.7.8.3
Output Jitter
In the absence of any input jitter the QuadLIU
TM generates the intrinsic output jitter, which is specified in
theTable 25 below.
3.7.8.4
Output Wander
Figure 34 shows 2 curves for the output wander. For both, setting of the register bits of GCM1 to GCM8 is identical
to Table 49.
Curve 1 gives the default output wander were no additional programming of bits of registers GPC6, REGFP,
REGFD and WCON is necessary as described below. The corner frequency of the DCO-R is 2 Hz (see Table 23).
Figure 34
Output Wander
For further improvement of the output wander (curve 2), the following programming of register bits must be done:
•
GPC6. WAND_IMP = ´1´
•
WCON.WAND = ´03
H´
After that, the global registers REGFP and REGFD must be written with the following sequence to improve the
output wander for both channels:
•
Write ´30
H´ into REGFP
•
Write ´AA
H´ into REGFD
•
Write ´B0
H´ into REGFP
•
Write ´31
H´ into REGFP
Table 25
Output Jitter
Specification
Measurement Filter Bandwidth
Intrinsic Output Jitter
(UI peak to peak)
Lower Cutoff
Upper Cutoff
ITU-T I.431
20 Hz
100 kHz
< 0.015
700 Hz
100 kHz
< 0.015
ETSI TBR 12
40 Hz
100 kHz
< 0.11
PUB 62411
10 Hz
8 kHz
< 0.015
8 Hz
40 kHz
< 0.015
10 Hz
40 kHz
< 0.015
Broadband
< 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com