Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4363 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SGA-4363
Description  DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-4363 Datasheet(HTML) 2 Page - Stanford Microdevices

  SGA-4363 Datasheet HTML 1Page - Stanford Microdevices SGA-4363 Datasheet HTML 2Page - Stanford Microdevices SGA-4363 Datasheet HTML 3Page - Stanford Microdevices SGA-4363 Datasheet HTML 4Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EDS-100642 Rev. B
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
Preliminary
SGA-4363 DC-2000 MHz Cascadable MMIC Amplifier
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
Absolute Maximum Ratings
Bias Conditions should also satisfy the following
expression: I
DVD (max) < (TJ - TL)/Rth
T
L=+25ºC
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
rr
u
C
e
ci
v
e
D
I(
D)0
9
A
m
.
x
a
M
e
ci
v
e
D
V
(
e
g
a
tl
o
V
D)V
5
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
8
+
.
x
a
M
p
m
e
T
n
o
it
c
n
u
J
T
(
.
J)
C
°
0
5
1
+
p
m
e
T
g
n
it
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
1
+
0
5 C
°
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
ci
v
e
d
si
h
t
f
o
n
o
it
a
r
e
p
O
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
Frequency (MHz)
Frequency (MHz)
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
ti
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d0
.
7
17
.
6
14
.
6
18
.
4
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d4
.
9
27
.
8
27
.
5
2
P
B
d
1
n
o
is
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d3
.
4
13
.
4
10
.
3
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d9
.
1
12
.
2
19
.
2
14
.
4
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d2
.
0
15
.
1
13
.
3
17
.
0
1
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
RB
d9
.
0
24
.
1
24
.
1
27
.
0
2
F
Ne
r
u
g
i
F
e
si
o
NB
d8
.
27
.
21
.
3
Frequency (MHz)
Test Conditions:
V
S = 8 V
I
D = 45 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -5 dBm
R
BIAS = 110 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
0
1
2
3
4
5
0
0.5
11.5
22.5
3
Frequency (GHz)
15
20
25
30
35
00.5
1
1.5
22.5
3
Frequency (GHz)
6
9
12
15
18
00.5
1
1.5
22.5
3
Frequency (GHz)
T
L=+25ºC
T
L=+25ºC
T
L=+25ºC
OIP
3 vs. Frequency
V
D=3.2 V, ID= 45 mA (Typ.)
P
1dB vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
Noise Figure vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com