Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS40LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS40LP_16 Datasheet HTML 1Page - Diodes Incorporated BAS40LP_16 Datasheet HTML 2Page - Diodes Incorporated BAS40LP_16 Datasheet HTML 3Page - Diodes Incorporated BAS40LP_16 Datasheet HTML 4Page - Diodes Incorporated BAS40LP_16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS40LP
Document number: DS30503 Rev. 16 - 2
2 of 5
www.diodes.com
August 2016
© Diodes Incorporated
BAS40LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Repetitive Peak Forward Current (Note 6)
IFRM
800
mA
Non-Repetitive Peak Forward Surge Current @ tp = 1.0s (Note 7)
IFSM
1,000
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
250
mW
Typical Thermal Resistance, Junction to Ambient (Note 8)
RθJA
400
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
VR
40
V
IR = 10μA
Forward Voltage (Note 5)
VF
380
1,000
mV
tp < 300μs, IF = 1.0mA
tp < 300μs, IF = 40mA
Reverse Leakage Current (Note 5)
IR
20
200
nA
tp < 300μs, VR = 30V
Total Capacitance
CT
2.3
5.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
tRR
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Repetitive peak forward current was tested with tp ≤1s and ∂ ≤ 0.8 square wave.
7. Non-repetitive peak forward current was tested with tp = 1s square wave.
8. 1*MRP FR-4 PC board 2oz.Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
0.0001
0.001
0.01
0.1
1
0
200
400
600
800
1000
1200
1400
V
F, INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig.1 Typical Forward Voltage
-55oC
-40oC
0oC
25oC
75oC
85oC
150oC
125oC
0.0001
0.001
0.01
0.1
1
10
100
1000
0
10
20
30
40
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
-40oC
0oC
25oC
75oC
85oC
125oC
150oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com