Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHCS400Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHCS400Q
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS400Q Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHCS400Q Datasheet HTML 1Page - Diodes Incorporated ZHCS400Q Datasheet HTML 2Page - Diodes Incorporated ZHCS400Q Datasheet HTML 3Page - Diodes Incorporated ZHCS400Q Datasheet HTML 4Page - Diodes Incorporated ZHCS400Q Datasheet HTML 5Page - Diodes Incorporated ZHCS400Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZHCS400Q
Document number: DS38377 Rev. 3 - 2
3 of 6
www.diodes.com
July 2016
© Diodes Incorporated
ZHCS400Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
60
-
V
IR = 200A
Forward Voltage
VF
-
270
300
mV
IF = 50mA
-
300
350
IF = 100mA
-
370
460
IF = 250mA
-
425
500
IF = 400mA
-
550
670
IF = 750mA
-
640
780
IF = 1,000mA
-
810
1050
IF = 1,500mA
-
440
-
IF = 500mA, TA = +100°C
Reverse Current
IR
-
15
40
A
VR = 30V
Diode Capacitance
CD
-
20
-
pF
f = 1MHz, VR = 25V
Operational Efficiency Chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring higher voltage, higher temperature
operation. Circuits requiring low voltage low temperature operation will benefit from using Zetex low VF ZHCS series diodes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com