Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP14995 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP14995
Description  ~35째 12째 oval beam
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP14995 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP14995 Datasheet HTML 1Page - Ledil, Inc. CP14995 Datasheet HTML 2Page - Ledil, Inc. CP14995 Datasheet HTML 3Page - Ledil, Inc. CP14995 Datasheet HTML 4Page - Ledil, Inc. CP14995 Datasheet HTML 5Page - Ledil, Inc. CP14995 Datasheet HTML 6Page - Ledil, Inc. CP14995 Datasheet HTML 7Page - Ledil, Inc. CP14995 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
CP14995_FLORENTINA-HLD-O
FLORENTINA-HLD-O
~35° 12° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
285.6+19.5 mm
Height
9.7 mm
Fastening
screw
Colour
black
Box size
398 x 298 x 140 mm
Box weight
5.4 kg
Quantity in Box
160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-O
Lens
PMMA
clear
FLORENTINA-HLD
Holder
PC
black
Last update: 14/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP14995

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP14993 LEDIL-CP14993 Datasheet
9Mb / 8P
~16째 smooth spot beam
CP14994 LEDIL-CP14994 Datasheet
8Mb / 8P
~30째 medium beam
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
More results

Similar Description - CP14995

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10319 LEDIL-CA10319_18 Datasheet
3Mb / 5P
~35째 8째 oval beam. Assembly with tape.
CP15678 LEDIL-CP15678 Datasheet
4Mb / 7P
~35째 15째 oval beam. Variant with beam direction rotated 90째.
CP14877 LEDIL-CP14877 Datasheet
2Mb / 5P
~90째 35째 oval beam
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CX11364 LEDIL-CX11364 Datasheet
5Mb / 4P
~40째 x 12째 oval beam optimized for LUXEON Rebel
CA13726 LEDIL-CA13726 Datasheet
15Mb / 13P
~55째 12째 oval beam
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
FA11204 LEDIL-FA11204 Datasheet
2Mb / 7P
~35째 x 15째 oval beam.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com