Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZ10LP3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # GDZ10LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GDZ10LP3 Datasheet(HTML) 2 Page - Diodes Incorporated

  GDZ10LP3 Datasheet HTML 1Page - Diodes Incorporated GDZ10LP3 Datasheet HTML 2Page - Diodes Incorporated GDZ10LP3 Datasheet HTML 3Page - Diodes Incorporated GDZ10LP3 Datasheet HTML 4Page - Diodes Incorporated GDZ10LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GDZ2V7LP3 - GDZ24LP3
Document number: DS35065 Rev. 18
– 2
2 of 5
www.diodes.com
September 2017
© Diodes Incorporated
GDZ2V7LP3 - GDZ24LP3
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
TA = +25°C
PD
250
mW
Thermal Resistance, Junction to Ambient Air (Note 5) TA = +25°C
RθJA
500
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener Voltage Range
(Note 6)
Reverse
Current
(Note 6)
VZ @ IZT
IZT
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
Typical (µA)
Max (µA)
V
GDZ2V7LP3
JB
2.7
2.57
2.84
5
-
20
1.0
GDZ3V0LP3
JC
3.0
2.85
3.15
5
-
10
1.0
GDZ3V3LP3
JD
3.3
3.14
3.47
5
-
10
1.0
GDZ3V6LP3
KU
3.6
3.41
3.79
5
-
10
1.0
GDZ3V9LP3
KJ
3.9
3.740
4.160
5
-
5
1.0
GDZ4V1LP3
KY
4.1
3.93
4.37
5
-
5.0
1.0
GDZ4V3LP3
KK
4.3
4.08
4.53
5
-
5.0
1.0
GDZ4V7LP3
KL
4.7
4.420
4.900
5
-
2.0
1.0
GDZ5V1LP3
KM
5.1
4.840
5.370
5
-
0.2
2.0
GDZ5V6LP3
KN
5.6
5.310
5.920
5
-
90
1.0
175
2.5
4.75
GDZ6V0LP3
KW
6.0
5.676
6.324
5
-
1.0
2.8
GDZ6V2LP3
KO
6.2
5.860
6.530
5
-
1.0
3.0
GDZ6V8LP3
KT
6.8
6.470
7.140
5
-
0.5
3.5
GDZ7V5LP3
KQ
7.5
7.060
7.840
5
-
0.5
4.0
GDZ8V2LP3
KX
8.2
7.760
8.640
5
-
0.5
5.0
GDZ9V1LP3
JE
9.1
8.65
9.56
5
-
0.5
6.0
GDZ10LP3
JF
10
9.50
10.50
5
-
0.2
7.0
GDZ11LP3
JG
11
10.45
11.55
5
-
0.1
8.0
GDZ12LP3
JH
12
11.40
12.60
5
-
0.1
8.0
GDZ13LP3
JI
13
12.35
13.65
5
-
0.1
8.0
GDZ15LP3
JJ
15
14.25
15.75
5
-
0.1
10.5
GDZ16LP3
JK
16
15.20
16.80
5
-
0.1
11.2
GDZ18LP3
JL
18
17.10
18.90
5
-
0.1
12.6
GDZ20LP3
JM
20
19.00
21.00
5
-
0.1
14.0
GDZ22LP3
JN
22
20.90
23.10
5
-
0.1
15.4
GDZ24LP3
JO
24
22.80
25.20
5
-
0.1
16.8
Notes:
5. Device mounted on FR-4 PCB with minimum
recommended pad layout, as shown in Diodes Incorporated’s Suggested Pad Layout document, which can
be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com