Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA15480 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA15480
Description  ~70째 batwing beam. Assembly with white holder.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA15480 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA15480 Datasheet HTML 1Page - Ledil, Inc. FA15480 Datasheet HTML 2Page - Ledil, Inc. FA15480 Datasheet HTML 3Page - Ledil, Inc. FA15480 Datasheet HTML 4Page - Ledil, Inc. FA15480 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA15480_ROSE-MRK-BW
ROSE-MRK-BW
~70° batwing beam.
Assembly with white
holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
13 mm
Fastening
tape, pin
Colour
white
Box size
470 x 235 x 270 mm
Box weight
10 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-MRK-BW
Lens
PC
clear
ROSE-MRK-LT-HLD
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 11/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA15480

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA15229 LEDIL-FA15229 Datasheet
5Mb / 4P
~30째 spot beam. Assembly with white holder.
FA15232 LEDIL-FA15232 Datasheet
9Mb / 4P
~45째 medium beam. Assembly with white holder.
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
logo
Littelfuse
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
FA155-2 LITTELFUSE-FA155-2 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results

Similar Description - FA15480

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA13045 LEDIL-CA13045_18 Datasheet
10Mb / 5P
~70째 very wide beam. Assembly with holder and installation tape.
FA16662 LEDIL-FA16662 Datasheet
2Mb / 4P
~60째 batwing beam. Assembly with black holder and installation tape.
F13841 LEDIL-F13841_18 Datasheet
9Mb / 16P
White version with ~70째 wide beam compatible with BJB connectors
FA11826 LEDIL-FA11826_18 Datasheet
3Mb / 8P
~70째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA15229 LEDIL-FA15229 Datasheet
5Mb / 4P
~30째 spot beam. Assembly with white holder.
FA15232 LEDIL-FA15232 Datasheet
9Mb / 4P
~45째 medium beam. Assembly with white holder.
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
CA15027 LEDIL-CA15027 Datasheet
1Mb / 4P
~70째 very wide beam. Assembly with installation tape.
CA13627 LEDIL-CA13627 Datasheet
9Mb / 11P
~30째 medium beam. Assembly with thinner white holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com