Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6507 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6507
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6507 Datasheet HTML 7Page - Monolithic Power Systems MP6507 Datasheet HTML 8Page - Monolithic Power Systems MP6507 Datasheet HTML 9Page - Monolithic Power Systems MP6507 Datasheet HTML 10Page - Monolithic Power Systems MP6507 Datasheet HTML 11Page - Monolithic Power Systems MP6507 Datasheet HTML 12Page - Monolithic Power Systems MP6507 Datasheet HTML 13Page - Monolithic Power Systems MP6507 Datasheet HTML 14Page - Monolithic Power Systems MP6507 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
11
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
the other input pin low; for slow decay mode,
apply the PWM signal to one input pin and keep
the other input pin high. See Table 2 for more
configuration details and Figure 5 for detailed
waveforms.
Table 2: PWM Control
A/BIN1
A/BIN2
Mode
H (PWM)
L
Forward
L (PWM)
L
Fast Decay
L
H (PWM)
Reverse
L
L (PWM)
Fast Decay
H
L (PWM)
Forward
H
H (PWM)
Slow Decay
L (PWM)
H
Reverse
H (PWM)
H
Slow Decay
A/B IN1
A/B IN2
IA/BOUT1
Forward
Reverse
Forward
Reverse
Slow Decay
Fast Decay
0
0
0
Figure 5: External PWM Current Control Waveform
Internal PWM Current Control
For this control method, the motor current is
regulated by an internal constant off-time PWM
current control circuit as the following:
 Initially, a diagonal pair of MOSFETs
turns on so current can flow through the
motor winding.
 The current increases in the motor
winding, which is sensed by an external
sense resistor (RSENSE). During the initial
blanking time TBLANK (3us), the high-side
MOSFET always turns on in spite of
current limit detection.
 When the voltage across RSENSE reaches
the internal reference voltage threshold
VTRIP
(185mV),
the
internal
current
comparator
shuts
off
the
high-side
MOSFET.
 The stepper motor’s inductance causes
the current to freewheel through the two
low-side MOSFETs (slow decay).
 During this freewheeling time, the current
decreases until the internal clock reaches
its’ constant off time (typically 27µs). After
that, the high-side MOSFET is enabled to
increase the winding current again.
 The cycle then repeats.
Calculate the current limit as:
TRIP
LIMIT
SENSE
V
I
R
(1)
A/B IN1
A/B IN2
IA/BOUT1
Forward
Reverse
Slow Decay
ILIMIT
Constant off time TOFF
0
0
0
TBLANK
ILIMIT
Figure 6: Internal PWM Current Control Waveform
Sleep Mode
The MP6507 provides low-power standby sleep
mode.
Connect the nSLEEP pin to logic low to enable a
low-power sleep state. In this state, the two full
bridges are disabled and the internal circuits
such as the gate drive, internal regulator, and
charge pump all shut down. Connect the
nSLEEP pin to logic high to wake up the MP6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com