Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6509 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6509
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6509 Datasheet HTML 7Page - Monolithic Power Systems MP6509 Datasheet HTML 8Page - Monolithic Power Systems MP6509 Datasheet HTML 9Page - Monolithic Power Systems MP6509 Datasheet HTML 10Page - Monolithic Power Systems MP6509 Datasheet HTML 11Page - Monolithic Power Systems MP6509 Datasheet HTML 12Page - Monolithic Power Systems MP6509 Datasheet HTML 13Page - Monolithic Power Systems MP6509 Datasheet HTML 14Page - Monolithic Power Systems MP6509 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
11
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP6509 is a motor driver that integrates 8
N-channel power MOSFETs for dual, internal full-
bridges with 1.2A output current capability over
an input voltage range of 2.7V to 18V. It can
drive a stepper motor or two DC motors.
The motor output current can be either controlled
by an external pulse width modulator (PWM) or
internal PWM current controller.
The
MP6509
includes
the
following
fault
protections: over-current protection(OCP), under-
voltage lockout(UVLO) and over-temperature
protection(OTP).
It also provides a low-power sleep mode.
External PWM Current Control
The motor current can be regulated by applying
external PWM signals on the input pins AIN1,
AIN2, BIN1 and BIN2. For phase A, the AIN1 and
AIN2 input pins control the state of the AOUT1
and AOUT2; similarly for phase B, the BIN1 and
BIN2 input pins control the state of the BOUT1
and BOUT2.
Figure 2: Full-Bridge Control Circuit
Table 1 shows the input signal logic and bridge
output state.
Table 1: Full-Bridge Gate Logic
A/BIN1 A/BIN2
A/BOUT1
A/BOUT2
L
L
High
Impedance
High
Impedance
L
H
GND
VIN
H
L
VIN
GND
H
H
GND
GND
In external PWM control mode, the winding’s
inductive current ramps up when the high-side
MOSFET is on and freewheels during the high-
side
MOSFET’s
off
time
to
cause
the
recirculation current.
There are two modes for this recirculation current:
slow decay and fast decay, both of which are
shown in Figure 3 for forward operation and
Figure 4 for reverse operation.
Figure 3: Forward Operation
Figure 4: Reverse Operation
For slow decay mode, the current circulates
through the two low-side MOSFETs. For fast
decay mode, the current flows through the body
diodes of the other diagonal two MOSFETS.
To configure the MP6509 for fast decay mode,
apply the PWM signal to one input pin and keep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com