Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6510 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6510
Description  4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6510 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6510 Datasheet HTML 1Page - Monolithic Power Systems MP6510 Datasheet HTML 2Page - Monolithic Power Systems MP6510 Datasheet HTML 3Page - Monolithic Power Systems MP6510 Datasheet HTML 4Page - Monolithic Power Systems MP6510 Datasheet HTML 5Page - Monolithic Power Systems MP6510 Datasheet HTML 6Page - Monolithic Power Systems MP6510 Datasheet HTML 7Page - Monolithic Power Systems MP6510 Datasheet HTML 8Page - Monolithic Power Systems MP6510 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP6510
—4.5V-TO-16V, 1.2A, SINGLE-PHASE, BRUSHLESS DC MOTOR DRIVER
MP6510 Rev.1.02
www.MonolithicPower.com
3
1/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERICS
TA=25°C, VCC=12V, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Circuit Current at Locked-Rotor
Protection Mode
ICC
VCC=20V
1.0
1.4
2
mA
Reference Voltage
VREF
IVREF=5mA
5.6
5.9
6.2
V
HB Voltage
VHB
IHB=5mA
1.1
1.15
1.2
V
COSC High-Level Voltage
VCOSC_H
3.45
3.6
3.75
V
COSC Low-Level Voltage
VCOSC_L
1.8
1.95
2.1
V
COSC Oscillator Frequency
fCOSC
CP=100pF
26.4
31
35.6
kHz
CT Pin High-level Voltage
VCTH
3.4
3.63
3.86
V
CT Pin Low-level Voltage
VCTL
1.63
1.73
1.83
V
ICT Charge Current
ICT1
1.1
1.95
2.85
μA
ICT Discharge Current
ICT2
0.08
0.16
0.25
μA
ICT Charge/Discharge Ratio
rCT
7
12
18
High-Side Switch-On Resistance
RDS1
VCC=12V TA=25°C
370
420
m
Ω
Low-Side Switch-On Resistance
RDS2
VCC=12V TA=25°C
230
260
m
Ω
Current Limit Gain
GC
9
A/V
Current Limit
IPEAK
IN+ - IN- =±50mV
0.4
0.7
1.3
A
IN+ - IN- =±100mV
0.8
1
1.8
IN+ - IN- =±150mV
1
1.4
2.3
Under-Voltage
–Lockout Threshold—
Rising
3.57
3.75
3.93
V
Under-Voltage
–Lockout Threshold—
Hysteresis
190
mV
RD/FG Output Pin Low-level Voltage
VRDL/FGL
IRD/FG=5mA
0.35
V
RD/FG Output Pin Leakage Current
VRDL/FGL
VRD/FG=12V
0.1
1
μA
OVP Threshold Rising
19
20
21
V
OVP Threshold Hysteresis
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com