Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8271MEVAL1Z Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL8271MEVAL1Z
Description  Digital DC/DC PMBus 33A Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8271MEVAL1Z Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL8271MEVAL1Z Datasheet HTML 34Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 35Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 36Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 37Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 38Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 39Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 40Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 41Page - Renesas Technology Corp ISL8271MEVAL1Z Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
ISL8271M
FN8636 Rev.4.00
Page 38 of 57
Aug 17, 2017
STATUS_VOUT (7Ah)
Definition: Returns one data byte with the status of the output voltage.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default Value: 00h
Units: N/A
STATUS_IOUT (7Bh)
Definition: Returns one data byte with the status of the output current.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default Value: 00h
Units: N/A
STATUS_INPUT (7Ch)
Definition: Returns input voltage and input current status information.
Data Length in Bytes: 1
Data Format: BIT
Type: Read only
Default Value: 00h
Units: N/A
BIT NUMBER
STATUS BIT NAME
MEANING
7
VOUT_OV_FAULT
Indicates an output overvoltage fault.
6
VOUT_OV_WARNING
Indicates an output overvoltage warning.
5
VOUT_UV_WARNING
Indicates an output undervoltage warning.
4
VOUT_UV_FAULT
Indicates an output undervoltage fault.
3:0
N/A
These bits are not used.
BIT NUMBER
STATUS BIT NAME
MEANING
7
IOUT_OC_FAULT
An output overcurrent fault has occurred.
6
IOUT_OC_LV_FAULT
An output overcurrent and low voltage fault has occurred.
5
IOUT_OC_WARNING
An output overcurrent warning has occurred.
4
IOUT_UC_FAULT
An output undercurrent fault has occurred.
3:0
N/A
These bits are not used.
BIT NUMBER
STATUS BIT NAME
MEANING
7
VIN_OV_FAULT
An input overvoltage fault has occurred.
6
VIN_OV_WARNING
An input overvoltage warning has occurred.
5
VIN_UV_WARNING
An input undervoltage warning has occurred.
4
VIN_UV_FAULT
An input undervoltage fault has occurred.
3:0
N/A
These bits are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com