Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-T68C Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB-T68C
Description  white P-LCC-2 package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T68C Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB-T68C Datasheet HTML 6Page - OSRAM GmbH LB-T68C Datasheet HTML 7Page - OSRAM GmbH LB-T68C Datasheet HTML 8Page - OSRAM GmbH LB-T68C Datasheet HTML 9Page - OSRAM GmbH LB-T68C Datasheet HTML 10Page - OSRAM GmbH LB-T68C Datasheet HTML 11Page - OSRAM GmbH LB-T68C Datasheet HTML 12Page - OSRAM GmbH LB-T68C Datasheet HTML 13Page - OSRAM GmbH LB-T68C Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2006-10-04
10
LB T68C, LT T68C
Maßzeichnung
8) Seite 16
Package Outlines
8)
page 16
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
35 mg
Gurtung / Polarität und Lage
8) Seite 16
Verpackungseinheit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 16
Packing unit 2000/reel, ø180 mm
or 8000/reel, ø330 mm
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
OHAY2271
4 (0.157)
1.5 (0.059)
2.9 (0.114)
4 (0.157)
2 (0.079)
Cathode/Collector Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com