Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF12PF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF12PF06
Description  P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12PF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STF12PF06 Datasheet HTML 1Page - STMicroelectronics STF12PF06 Datasheet HTML 2Page - STMicroelectronics STF12PF06 Datasheet HTML 3Page - STMicroelectronics STF12PF06 Datasheet HTML 4Page - STMicroelectronics STF12PF06 Datasheet HTML 5Page - STMicroelectronics STF12PF06 Datasheet HTML 6Page - STMicroelectronics STF12PF06 Datasheet HTML 7Page - STMicroelectronics STF12PF06 Datasheet HTML 8Page - STMicroelectronics STF12PF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
March 2005
STP12PF06
STF12PF06
P-CHANNEL 60V - 0.18
Ω - 12A TO-220/TO-220FP
STripFET™ II POWER MOSFET
Rev. 2.0
Figure 1:Package
Table 1: General Features
■
TYPICAL RDS(on) = 0.18 Ω
■
EXCEPTIONAL dv/dt CAPABILITY
■
100% AVALANCHE TESTED
■
LOW GATE CHARGE
■
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility
APPLICATIONS
■
MOTOR CONTROL
■
DC-DC & DC-AC CONVERTERS
TYPE
VDSS
RDS(on)
ID
STP12PF06
STF12PF06
60 V
60 V
< 0.20
Ω
< 0.20
Ω
12 A
12 A
1
2
3
1
2
3
TO-220
TO-220FP
Figure 2: Internal Schematic Diagram
Table 2: Order Codes
Table 3: ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
NOTE
:For the P-CHANNEL MOSFET actual polarity of voltages
and current has to be reversed.
(1) ISD ≤12A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 12A, VDD= 25V
PART NUMBER
MARKING
PACKAGE
PACKAGING
STP12PF06
STF12PF06
P12PF06
F12PF06
TO-220
TO-220FP
TUBE
TUBE
Symbol
Parameter
Value
Unit
STP20PF06
STF20PF06
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
12
8
A
ID
Drain Current (continuous) at TC = 100°C
8.4
5.6
A
IDM(•)
Drain Current (pulsed)
48
32
A
Ptot
Total Dissipation at TC = 25°C
60
225
W
Derating Factor
0.4
0.17
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STF12PF06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STF12PF06 VBSEMI-STF12PF06 Datasheet
953Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - STF12PF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET™ II POWER MOSFET
Jul-2003
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
STP12PF06 STMICROELECTRONICS-STP12PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 12A TO-220 STripFET POWER MOSFET
May-2000
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
07-Nov-2004
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
30-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com