Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-CQ7P.CC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCW-CQ7P.CC
Description  SMD ceramic package with silicon resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.CC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCW-CQ7P.CC Datasheet HTML 4Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 5Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 6Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 7Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 8Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 9Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 10Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 11Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2011-03-23
8
Released
LCW CQ7P.CC
Farbtemperatur 3000 K
Color temperature 3000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5R
0.415
0.381
5S
0.422
0.384
5T
0.430
0.387
0.419
0.390
0.426
0.393
0.434
0.396
0.426
0.393
0.434
0.396
0.442
0.398
0.422
0.384
0.430
0.387
0.437
0.389
6R
0.419
0.390
6S
0.426
0.393
6T
0.434
0.396
0.422
0.399
0.430
0.402
0.439
0.405
0.430
0.402
0.439
0.405
0.447
0.408
0.426
0.293
0.434
0.396
0.442
0.398
7R
0.422
0.399
7S
0.430
0.402
7T
0.439
0.405
0.426
0.408
0.435
0.411
0.443
0.414
0.435
0.411
0.443
0.414
0.451
0.417
0.430
0.402
0.439
0.405
0.447
0.408
8R
0.426
0.408
8S
0.435
0.411
8T
0.443
0.414
0.430
0.417
0.439
0.420
0.447
0.423
0.439
0.420
0.447
0.423
0.456
0.426
0.435
0.411
0.443
0.414
0.451
0.417
Farbtemperatur 3500 K
Color temperature 3500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5O
0.389
0.369
5P
0.398
0.373
5Q
0.406
0.377
0.392
0.377
0.401
0.381
0.410
0.386
0.401
0.381
0.410
0.386
0.419
0.390
0.398
0.373
0.406
0.377
0.415
0.381
6O
0.392
0.377
6P
0.401
0.381
6Q
0.410
0.386
0.394
0.385
0.404
0.390
0.413
0.394
0.404
0.390
0.413
0.394
0.422
0.399
0.401
0.381
0.410
0.386
0.419
0.390
7O
0.394
0.385
7P
0.404
0.390
7Q
0.413
0.394
0.397
0.393
0.407
0.398
0.416
0.403
0.407
0.398
0.416
0.403
0.426
0.408
0.404
0.390
0.413
0.394
0.422
0.399
8O
0.397
0.393
8P
0.407
0.398
8Q
0.416
0.403
0.400
0.401
0.410
0.406
0.420
0.412
0.410
0.408
0.420
0.412
0.430
0.417
0.407
0.398
0416
0.403
0.426
0.408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com