Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-CQ7P.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCW-CQ7P.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCW-CQ7P.EC Datasheet HTML 3Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 4Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 5Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 6Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 7Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 8Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 9Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 10Page - OSRAM GmbH LCW-CQ7P.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Version 1.1
LCW CQ7P.EC
2013-02-15
7
Color Chromaticity Groups 7) page 26
Farbortgruppen 7) Seite 26
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
5O
0.3890
0.3690
6T
0.4342
0.3957
0.3369
0.3451
0.3916
0.3772
0.4386
0.4048
0.3441
0.3428
0.3975
0.3731
0.4420
0.3985
0.3448
0.3515
0.4006
0.3815
0.4468
0.4077
6H
0.3369
0.3451
6O
0.3916
0.3772
7T
0.4386
0.4048
0.3373
0.3534
0.3943
0.3853
0.4430
0.4138
0.3448
0.3515
0.4006
0.3815
0.4468
0.4077
0.3456
0.3601
0.4036
0.3898
0.4515
0.4168
7H
0.3373
0.3534
7O
0.3943
0.3853
8T
0.4430
0.4138
0.3376
0.3616
0.3970
0.3934
0.4474
0.4228
0.3456
0.3601
0.4036
0.3898
0.4515
0.4168
0.3464
0.3688
0.4067
0.3982
0.4562
0.4260
5I
0.3441
0.3428
8O
0.3970
0.3934
5U
0.4373
0.3893
0.3448
0.3515
0.3997
0.4015
0.4420
0.3985
0.3515
0.3487
0.4067
0.3982
0.4428
0.3906
0.3527
0.3578
0.4097
0.4065
0.4477
0.3998
6I
0.3448
0.3515
5P
0.3975
0.3731
6U
0.4420
0.3985
0.3456
0.3601
0.4006
0.3815
0.4468
0.4077
0.3527
0.3578
0.4061
0.3773
0.4477
0.3998
0.3539
0.3669
0.4095
0.3858
0.4526
0.4090
7I
0.3456
0.3601
6P
0.4006
0.3815
7U
0.4468
0.4077
0.3464
0.3688
0.4036
0.3898
0.4515
0.4168
0.3539
0.3669
0.4095
0.3858
0.4526
0.4090
0.3551
0.3760
0.4130
0.3944
0.4576
0.4183
5J
0.3512
0.3465
7P
0.4036
0.3898
8U
0.4515
0.4168
0.3524
0.3555
0.4067
0.3982
0.4562
0.4260
0.3591
0.3522
0.4130
0.3944
0.4576
0.4183
0.3608
0.3616
0.4164
0.4029
0.4625
0.4275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com