Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-G6CP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCW-G6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6CP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-G6CP Datasheet HTML 6Page - OSRAM GmbH LCW-G6CP Datasheet HTML 7Page - OSRAM GmbH LCW-G6CP Datasheet HTML 8Page - OSRAM GmbH LCW-G6CP Datasheet HTML 9Page - OSRAM GmbH LCW-G6CP Datasheet HTML 10Page - OSRAM GmbH LCW-G6CP Datasheet HTML 11Page - OSRAM GmbH LCW-G6CP Datasheet HTML 12Page - OSRAM GmbH LCW-G6CP Datasheet HTML 13Page - OSRAM GmbH LCW-G6CP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2015-04-30
10
Version 1.2
LCW G6CP
Color Temperature 4000K 2) page 27
Farbtemperatur 4000K 2) Seite 27
8O
0.3969
0.3934
5Q
0.4061
0.3773
0.3996
0.4015
0.4095
0.3858
0.4067
0.3982
0.4147
0.3814
0.4097
0.4065
0.4185
0.3902
9O
0.3996
0.4015
6Q
0.4095
0.3858
0.4023
0.4096
0.4129
0.3944
0.4097
0.4065
0.4185
0.3902
0.4128
0.4148
0.4223
0.3989
4P
0.3945
0.3648
7Q
0.4129
0.3944
0.3975
0.3731
0.4164
0.4029
0.4027
0.3687
0.4223
0.3989
0.4061
0.3773
0.4261
0.4077
5P
0.3975
0.3731
8Q
0.4164
0.4029
0.4006
0.3815
0.4198
0.4115
0.4061
0.3773
0.4261
0.4077
0.4095
0.3858
0.4299
0.4165
6P
0.4006
0.3815
9Q
0.4198
0.4115
0.4036
0.3898
0.4232
0.4201
0.4095
0.3858
0.4299
0.4165
0.4129
0.3944
0.4337
0.4253
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4L
0.3648
0.3479
7M
0.3799
0.3828
0.3670
0.3578
0.3826
0.3931
0.3719
0.3522
0.3885
0.3882
0.3746
0.3624
0.3916
0.3987
5L
0.3670
0.3578
8M
0.3826
0.3931
0.3692
0.3677
0.3853
0.4033
0.3746
0.3624
0.3916
0.3987
0.3773
0.3726
0.3947
0.4093
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com