Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10972 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10972
Description  ~30째 medium beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10972 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10972 Datasheet HTML 1Page - Ledil, Inc. C10972 Datasheet HTML 2Page - Ledil, Inc. C10972 Datasheet HTML 3Page - Ledil, Inc. C10972 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10972_GT4-M
GT4-M
~30° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
9 mm
Fastening
glue, pin
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
864 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
GT4-M
Lens array
PMMA
clear
Last update: 08/03/2014
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10972

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10971 LEDIL-C10971 Datasheet
1Mb / 5P
~20째 spot beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
logo
Cree, Inc
C10975 CREE-C10975 Datasheet
97Kb / 2P
Gt4 series
logo
Ledil, Inc.
C10975 LEDIL-C10975 Datasheet
1Mb / 6P
~55째 wide beam
More results

Similar Description - C10972

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10589 LEDIL-C10589 Datasheet
3Mb / 4P
~30째 medium beam
FCP14967 LEDIL-FCP14967 Datasheet
7Mb / 6P
~30째 medium beam
CP14994 LEDIL-CP14994 Datasheet
8Mb / 8P
~30째 medium beam
C11775 LEDIL-C11775 Datasheet
2Mb / 4P
~30째 medium beam
C10892 LEDIL-C10892 Datasheet
2Mb / 7P
~30째 medium beam
F14486 LEDIL-F14486 Datasheet
15Mb / 13P
~30째 medium beam
CP12940 LEDIL-CP12940 Datasheet
6Mb / 8P
~30째 medium beam
C12477 LEDIL-C12477 Datasheet
14Mb / 23P
~30째 medium beam
C12481 LEDIL-C12481 Datasheet
16Mb / 17P
~30째 medium beam
FA11206 LEDIL-FA11206 Datasheet
2Mb / 7P
~30째 medium beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com