Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10974 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10974
Description  ~55째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10974 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10974 Datasheet HTML 1Page - Ledil, Inc. C10974 Datasheet HTML 2Page - Ledil, Inc. C10974 Datasheet HTML 3Page - Ledil, Inc. C10974 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10974_GT4-WW
GT4-WW
~55° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
9 mm
Fastening
glue, pin
Colour
clear
Box size
254 x 298 x 241 mm
Box weight
0 kg
Quantity in Box
864 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
GT4-WW
Lens array
PMMA
clear
Last update: 21/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10971 LEDIL-C10971 Datasheet
1Mb / 5P
~20째 spot beam
C10972 LEDIL-C10972 Datasheet
1Mb / 4P
~30째 medium beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
logo
Cree, Inc
C10975 CREE-C10975 Datasheet
97Kb / 2P
Gt4 series
logo
Ledil, Inc.
C10975 LEDIL-C10975 Datasheet
1Mb / 6P
~55째 wide beam
More results

Similar Description - C10974

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
CP16939 LEDIL-CP16939 Datasheet
3Mb / 4P
~55째 wide beam
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
C17249 LEDIL-C17249 Datasheet
1Mb / 5P
~55째 wide beam
C12345 LEDIL-C12345 Datasheet
1Mb / 6P
~55째 wide beam
C17434 LEDIL-C17434 Datasheet
4Mb / 6P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com