Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0816-TCQ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0816-TCQ
Description  3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0816-TCQ Datasheet(HTML) 2 Page - ATMEL Corporation

  T0816-TCQ Datasheet HTML 1Page - ATMEL Corporation T0816-TCQ Datasheet HTML 2Page - ATMEL Corporation T0816-TCQ Datasheet HTML 3Page - ATMEL Corporation T0816-TCQ Datasheet HTML 4Page - ATMEL Corporation T0816-TCQ Datasheet HTML 5Page - ATMEL Corporation T0816-TCQ Datasheet HTML 6Page - ATMEL Corporation T0816-TCQ Datasheet HTML 7Page - ATMEL Corporation T0816-TCQ Datasheet HTML 8Page - ATMEL Corporation T0816-TCQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
T0816
4505G–DVD–09/03
Pin Configuration
Figure 2. Pinning SSO16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IR
I2
GND
RF
I3
NER
NE2
NE3
VCC1
VCC2
IOUT
GND
RS
ENABLE
ENOSC
VCC2
Pin Description: SSOP16
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
GND
Supply
Ground
4
RF
Analog
External resistor to GND sets oscillator frequency
5
I3
Analog
Input current, bias voltage approximately GND
6
NER
Digital
Digital control of read channel (low active)
7
NE2
Digital
Digital control of channel 2 (low active)
8
NE3
Digital
Digital control of channel 3 (low active)
9
VCC2
Supply
+5 V power supply for IOUT
10
ENOSC
Digital
Enables RF oscillator (high active)
11
ENABLE
Digital
Enables output current (high active)
12
RS
Analog
External resistor to GND sets oscillator swing
13
GND
Supply
Ground
14
IOUT
Analog
Output current source for laser diode
15
VCC2
Supply
+5 V power supply for IOUT
16
VCC1
Supply
+5 V power supply for circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com