Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14057 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14057
Description  ~35째 55째 rectangular beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14057 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14057 Datasheet HTML 1Page - Ledil, Inc. CA14057 Datasheet HTML 2Page - Ledil, Inc. CA14057 Datasheet HTML 3Page - Ledil, Inc. CA14057 Datasheet HTML 4Page - Ledil, Inc. CA14057 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14057_HEIDI-REC
HEIDI-REC
~35° 55° rectangular beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
12.2 mm
Fastening
tape, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
10.4 kg
Quantity in Box
3264 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HEIDI-REC
Lens
PMMA
clear
HEIDI-TAPE
Tape
PU tape
black
Last update: 07/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14057

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CA1405A00 SHIELD-CA1405A00 Datasheet
256Kb / 2P
For electrovalves, style A, 2p2G, female, with cable
More results

Similar Description - CA14057

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
CA14197 LEDIL-CA14197 Datasheet
2Mb / 4P
~35째 55째 rectangular beam
C11231 LEDIL-C11231 Datasheet
2Mb / 4P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
CP12946 LEDIL-CP12946 Datasheet
2Mb / 7P
~55째 wide beam
CP12947 LEDIL-CP12947 Datasheet
2Mb / 7P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com