Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP13135 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP13135
Description  ~30째 medium beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13135 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP13135 Datasheet HTML 1Page - Ledil, Inc. CP13135 Datasheet HTML 2Page - Ledil, Inc. CP13135 Datasheet HTML 3Page - Ledil, Inc. CP13135 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP13135_LARISA-M-CLIP16
LARISA-M-CLIP16
~30° medium beam optimized for NICHIA 757.
Clip fastening for 1.6 mm thick PCB.
TECHNICAL SPECIFICATIONS:
Dimensions
9.9 + 9.9 mm
Height
7.3 mm
Fastening
clips
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LARISA-M
Lens
PMMA
clear
LARISA-HLD-B-CLIP16
Holder
PC
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP13135

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
CP13136 LEDIL-CP13136 Datasheet
1Mb / 4P
~40째 x 20째 oval beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
More results

Similar Description - CP13135

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NS6x83.
CA11021 LEDIL-CA11021 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NCSxx19.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
~30째 medium beam optimized for Nichia NS6x83.
CP12938 LEDIL-CP12938 Datasheet
6Mb / 7P
~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
CP13136 LEDIL-CP13136 Datasheet
1Mb / 4P
~40째 x 20째 oval beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13667 LEDIL-CP13667 Datasheet
1Mb / 4P
~25째 diffused beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com