Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP15305 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP15305
Description  ~30째 medium beam and holder with location pins
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP15305 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP15305 Datasheet HTML 1Page - Ledil, Inc. CP15305 Datasheet HTML 2Page - Ledil, Inc. CP15305 Datasheet HTML 3Page - Ledil, Inc. CP15305 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP15305_LARISA-M-PIN
LARISA-M-PIN
~30° medium beam and holder with location
pins
TECHNICAL SPECIFICATIONS:
Dimensions
9.9 +9.9 mm
Height
7.5 mm
Fastening
glue, pin
Colour
black
Box size
254 x 298 x 241 mm
Box weight
7.1 kg
Quantity in Box
10000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LARISA-M
Lens
PMMA
clear
LARISA-HOLDER-PIN
Holder
PC
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP15305

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15304 LEDIL-CP15304 Datasheet
2Mb / 4P
~19째 spot beam and holder with location pins
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
CP15307 LEDIL-CP15307 Datasheet
3Mb / 6P
~50째 wide beam and holder with location pins
CP15308 LEDIL-CP15308 Datasheet
2Mb / 4P
~55째 wide beam and holder with location pins
CP15309 LEDIL-CP15309 Datasheet
3Mb / 5P
~25째 diffused beam and holder with location pins
More results

Similar Description - CP15305

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA13093 LEDIL-FA13093 Datasheet
4Mb / 5P
~30째 medium beam. Assembly with holder and installation tape.
CP15304 LEDIL-CP15304 Datasheet
2Mb / 4P
~19째 spot beam and holder with location pins
CP15306 LEDIL-CP15306 Datasheet
3Mb / 5P
~40째 x 20째 oval beam and holder with location pins
CP15307 LEDIL-CP15307 Datasheet
3Mb / 6P
~50째 wide beam and holder with location pins
CP15308 LEDIL-CP15308 Datasheet
2Mb / 4P
~55째 wide beam and holder with location pins
CP15309 LEDIL-CP15309 Datasheet
3Mb / 5P
~25째 diffused beam and holder with location pins
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
C13738 LEDIL-C13738 Datasheet
1Mb / 8P
~25째 medium beam. Version without location pins.
CA13627 LEDIL-CA13627 Datasheet
9Mb / 11P
~30째 medium beam. Assembly with thinner white holder
CN13144 LEDIL-CN13144 Datasheet
2Mb / 5P
~30째 medium beam with holder optimized for CREE CXA1507
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com