Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC93P27F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC93P27F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC93P27F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC93P27F Datasheet HTML 1Page - Toshiba Semiconductor TC93P27F Datasheet HTML 2Page - Toshiba Semiconductor TC93P27F Datasheet HTML 3Page - Toshiba Semiconductor TC93P27F Datasheet HTML 4Page - Toshiba Semiconductor TC93P27F Datasheet HTML 5Page - Toshiba Semiconductor TC93P27F Datasheet HTML 6Page - Toshiba Semiconductor TC93P27F Datasheet HTML 7Page - Toshiba Semiconductor TC93P27F Datasheet HTML 8Page - Toshiba Semiconductor TC93P27F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC93P27F
2002-11-18
2
· 29 I/O ports: 27 input/output programmable in 1-bit units, 1 output-only port, and 1 input-only port. The 2 IFIN,
and DO1 pins can be switched by instruction to IN1 (input-only) or OT2 (output-only). In addition, 9 output
LCD output pins for S17 to S25 can be switched to I/O port in 1-bit units.
· Three backup modes available by instruction: only CPU operation, crystal oscillation only, clock stop.
· Features a built-in 2-Hz timer F/F and a built-in 10/100 Hz interval pulse outputs (internal port for time base).
· Allows PLL lock status detection.
· Four of the LCD segment outputs (S22 to S25) can also operate as key return timing outputs (KR0 to KR3). The
I/O ports are not dedicated for key return timing outputs but can have other uses as well.
· Built-in 20-bit, general-purpose IF counters can detect stations during auto-tuning by counting the intermediate
frequencies of each band.
· Built-in buzzer output circuit can output 8 kinds of frequencies in 4 modes: continuous output, single-shot
output, 10-Hz intermittent output, and 10-Hz intermittent 1-Hz interval output.
· Features built-in 12-bit PWM circuit usable for easy-to-use D/A converter.
· Features a built-in 3-channel, 6-bit A/D converter.
· To prevent CPU malfunction, a built-in supply voltage drop detection circuit shuts down the CPU when the
voltage falls below 1.55 V.
· MASK ROM product: TC9327AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com