Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVT641-10 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC58FVT641-10
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641-10 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC58FVT641-10 Datasheet HTML 1Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
1/53
• Block erase architecture
8 × 8 Kbytes / 127 × 64 Kbytes
• Boot block architecture
TC58FVT641FT/XB: top boot block
TC58FVB641FT/XB: bottom boot block
• Mode control
Compatible with JEDEC standard commands
• Erase/Program cycles
105 cycles typ.
• Access time
70 ns
(CL: 30 pF)
100 ns (CL: 100 pF)
• Power consumption
10 µA (Standby)
30 mA (Read operation)
15 mA (Program/Erase operations)
• Package
TC58FVT641/B641FT:
TSOPI48-P-1220-0.50 (weight: 0.52 g)
TC58FVT641/B641XB:
P-TFBGA63-0911-0.80AZ (Weight: 0.170 g)
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
64-MBIT (8M
× 8 BITS / 4M × 16 BITS) CMOS FLASH MEMORY
DESCRIPTION
The TC58FVT641/B641 is a 67,108,864-bit, 3.0-V read-only electrically erasable and programmable flash memory
organized as 8,388,608 words × 8 bits or as 4,194,304 words × 16 bits. The TC58FVT641/B641 features commands
for Read, Program and Erase operations to allow easy interfacing with microprocessors. The commands are based
on the JEDEC standard. The Program and Erase operations are automatically executed in the chip. The
TC58FVT641/B641 also features a Simultaneous Read/Write operation so that data can be read during a Write or
Erase operation.
FEATURES
• Power supply voltage
VDD = 2.7 V~3.6 V
• Operating temperature
Ta = −40°C~85°C
• Organization
8M × 8 bits / 4M × 16 bits
• Functions
Simultaneous Read/Write
Auto Program, Auto Erase
Fast Program Mode / Acceleration Mode
Program Suspend/Resume
Erase Suspend/Resume
data polling / Toggle bit
block protection, boot block protection
Automatic Sleep, support for hidden ROM area
common flash memory interface (CFI)
Byte/Word Modes
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
• The information contained herein is subject to change without notice.
000707EBA1


Similar Part No. - TC58FVT641-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT641XB-10 TOSHIBA-TC58FVT641XB-10 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT641XB-70 TOSHIBA-TC58FVT641XB-70 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVT641-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
07-Aug-2002
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
19-Sep-2002
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com