Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-CW-S2LN Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LE-CW-S2LN
Description  compact lightsource in multi chip SMT technology with silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-CW-S2LN Datasheet(HTML) 3 Page - OSRAM GmbH

  LE-CW-S2LN Datasheet HTML 1Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 2Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 3Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 4Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 5Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 6Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 7Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 8Page - OSRAM GmbH LE-CW-S2LN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LE CW S2LN
2011-07-25
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur*
Operating temperature range*
T
op
– 40 … + 110
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 110
°C
Sperrschichttemperatur
Junction temperature
T
j
110
°C
Durchlassstrom pro Chip DC
(min.)
Forward current per chip DC
(max.)
(
T
S = 25°C)
I
F
100
700
mA
mA
Stoßstrom
Surge current
≤ 10 µs, D = 0.1, T
S = 25 °C
I
FM
2000
mA
Sperrspannung
Reverse voltage
(
T
S = 25°C)
V
R
not designed for
reverse operation
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com