Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6210C Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6210C
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210C Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6210C Datasheet HTML 18Page - Infineon Technologies AG TLE6210C Datasheet HTML 19Page - Infineon Technologies AG TLE6210C Datasheet HTML 20Page - Infineon Technologies AG TLE6210C Datasheet HTML 21Page - Infineon Technologies AG TLE6210C Datasheet HTML 22Page - Infineon Technologies AG TLE6210C Datasheet HTML 23Page - Infineon Technologies AG TLE6210C Datasheet HTML 24Page - Infineon Technologies AG TLE6210C Datasheet HTML 25Page - Infineon Technologies AG TLE6210C Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
22
2002-08
4.10
Reset Outputs RES1, RES2
The two reset outputs RES1 and RES2 are open collector outputs with integrated pull-
up resistor of typical 10 k
W to UST. Both outputs are protected against short circuits to
UST.
Characteristics RES1 and RES2
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.10.1 Output low
voltage
UL
–
–
–
–
0.4
0.4
V
V
IL = 0.8 mA; UST = 1.8 V
IL = 2 mA; UST = 4.5 V
1.8 V
£ UST £ 4.5 V
4.10.2 Output high
voltage
UH
UST
- 0.1
–
UST
V
RL ³ 10 MW
4.10.3 Internal pull-up
resistor to
UST
RRES 510
20
k
W
0 V
£ UA £ UST + 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com