Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6021CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6021CBZ
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6021CBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 13Page - Renesas Technology Corp HIP6021CBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 10 of 15
March 8, 2005
OUT2 Voltage Selection
The AGP regulator output voltage is internally set to one of two
discrete levels, based on the status of the SELECT pin.
SELECT pin is internally pulled ‘high’, such that left open, the
AGP output voltage is by default set to 3.3V. The other discrete
setting available is 1.5V, which can be obtained by grounding
the SELECT pin using a jumper or another suitable method
capable of sinking a few tens of microamperes. The status of
the SELECT pin cannot be changed during operation of the IC
without immediately causing a fault condition.
OUT3 and OUT4 Voltage Adjustability
The GTL bus voltage (1.5V, OUT3) and the chip set and/or
cache memory voltage (1.8V, OUT4) are internally set for
simple, low-cost implementation in typical Intel motherboard
architectures. However, if different voltage settings are desired
for these two outputs, the FIX pin provides the necessary
adaptability. Left open (NC), this pin sets the fixed output
voltages described above. Grounding this pin allows both
output voltages to be set by means of external resistor dividers
as shown in Figure 7.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s
output of the PWM converter. This generates PHASE pulses of
increasing width that charge the output capacitor(s). After the
output voltage increases to approximately 70% of the set
value, the reference input of the error amplifier is clamped to a
voltage proportional to the SS pin voltage. The resulting output
voltages start-up as shown in Figure 3.
The soft-start function controls the output voltage rate of rise to
limit the current surge at start-up. The soft-start interval and the
surge current are programmed by the soft-start capacitor, CSS.
Programming a faster soft-start interval increases the peak
surge current. The peak surge current occurs during the initial
output voltage rise to 70% of the set value.
Shutdown
The HIP6021 features a dedicated shutdown pin (SD). A TTL-
compatible, logic high signal applied to this pin shuts down
(disables) all four outputs and discharges the soft-start
capacitor. Following a shutdown, a logic low signal re-enables
the outputs through initiation of a new soft-start cycle. Left
open this pin will asses a logic low state, due to its internal pull-
down resistor, thus enabling normal operation of all outputs.
The PWM output does not switch until the soft-start voltage
(VSS) exceeds the oscillator’s valley voltage. The references
on each linear’s error amplifier are clamped to the soft-start
voltage. Holding the SS pin low (with an open drain or collector
signal) turns off all four regulators.
The ‘11111’ VID code also shuts down the IC.
11110
2.1
11101
2.2
11100
2.3
11011
2.4
11010
2.5
11001
2.6
11000
2.7
10111
2.8
10110
2.9
10101
3.0
10100
3.1
10011
3.2
10010
3.3
10001
3.4
10000
3.5
NOTE: 0 = connected to GND, 1 = open or connected to 5V through
pull-up resistors
TABLE 1. OUT1 VOLTAGE PROGRAM (Continued)
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID4
VID3
VID2
VID1
VID0
DRIVE3
VSEN3
VSEN4
COUT4
COUT3
Q4
HIP6021
VOUT3
VOUT4
Q5
+3.3VIN
DRIVE4
VAUX
FIX
RS3
RP3
RS4
RP4
VOUT VBG 1
RS
RP
--------
+



=
FIGURE 7. ADJUSTING THE OUTPUT VOLTAGE OF
OUTPUTS 3 AND 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com