Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP191B Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP191B
Description  TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP191B Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP191B Datasheet HTML 1Page - Toshiba Semiconductor TLP191B Datasheet HTML 2Page - Toshiba Semiconductor TLP191B Datasheet HTML 3Page - Toshiba Semiconductor TLP191B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP191B
2002-09-25
3
ISC – IF
Forward current
IF (mA)
300
1
3
VOC – IF
Forward current
IF (mA)
10
0
1
IF – Ta
Ambient temperature Ta (°C)
100
0
0
100
20
40
60
80
20
60
80
−20
40
∆VF /∆Ta – IF
Forward current
IF (mA)
−0.8
0.1
0.3 0.5
1
3
10
30
−1.2
−1.6
−2.0
−2.8
−2.4
−3.6
−3.2
−4.0
5
IF – VF
Forward voltage VF (V)
100
1
1.0
1.2
1.4
1.6
1.8
2.0
2.2
3
5
10
30
50
Ta = 25 °C
IFP – DR
Duty cycle ratio DR
1000
10
3
500
300
100
50
30
10
-3
10
-2
3
3
3
10
-1
10
0
3000
5000
Pulse width ≦ 100µs
Ta = 25 °C
9
8
7
6
5
4
3
2
1
3
5
10
30
50
100
Ta = 25 °C
55 °C
85 °C
1
3
5
10
30
50
100
5
10
30
50
100
85 °C
55 °C
Ta = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com