Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6521CBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6521CBZ
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6521CBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6521CBZ Datasheet HTML 5Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 6Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 7Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 8Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 9Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 10Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 11Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 12Page - Renesas Technology Corp HIP6521CBZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HIP6521
FN4837 Rev.5.00
Page 10 of 13
Oct 16, 2006
Important
If the collector voltage to a linear regulator pass transistor
(Q3, Q4, or Q5) is lost, the respective regulator has to be
shut down by pulling high its FB pin (i.e., when an input
power rail shuts down as a result of entering a sleep state,
the affected regulator’s FB pin has to be pulled high). This
measure is necessary in order to avoid possible damage to
the HIP6521 as a result of overheating. Overheating can
occur in such situations due to sheer power dissipation
inside the chip’s output linear drivers.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general, the output capacitors should be
selected to meet the dynamic regulation requirements.
Additionally, the PWM converters require an output capacitor
to filter the current ripple. The load transient for the
microprocessor core requires high quality capacitors to
supply the high slew rate (di/dt) current demands.
PWM Output Capacitors
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (effective series resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR determines the output ripple voltage
and the initial voltage drop following a high slew-rate
transient’s edge. An aluminum electrolytic capacitor’s ESR
value is related to the case size with lower ESR available in
larger case sizes. However, the equivalent series inductance
(ESL) of these capacitors increases with case size and can
reduce the usefulness of the capacitor to high slew-rate
transient loading. Unfortunately, ESL is not a specified
parameter. Work with your capacitor supplier and measure
the capacitor’s impedance with frequency to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
Linear Output Capacitors
The output capacitors for the linear regulators provide
dynamic load current. The linear controllers use dominant
pole compensation integrated into the error amplifier and are
insensitive to output capacitor selection. Output capacitors
should be selected for transient load regulation.
PWM Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter’s response time to a
load transient. The inductor value determines the converter’s
ripple current and the ripple voltage is a function of the ripple
current. The ripple voltage and current are approximated by
the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values increase
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6521 will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
interval required to slew the inductor current from an initial
current value to the post-transient current level. During this
interval the difference between the inductor current and the
transient current level must be supplied by the output
capacitor(s). Minimizing the response time can minimize the
output capacitance required.
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. Be sure to check both
of these equations at the minimum and maximum output
levels for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitors are
the voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and
current ratings above the maximum input voltage and largest
RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25 times greater than the
maximum input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck regulator is approximately
1/2 of the summation of the DC load current.
I
VIN VOUT
–
FS L
--------------------------------
VOUT
VIN
----------------
=
VOUT
I
ESR
=
tRISE
LO ITRAN
VIN VOUT
–
--------------------------------
=
tFALL
LO ITRAN
VOUT
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com