Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP-MPFC1H12 Datasheet(PDF) 4 Page - Vicor Corporation

Part # GP-MPFC1H12
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1H12 Datasheet(HTML) 4 Page - Vicor Corporation

  GP-MPFC1H12 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1H12 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 4 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
Baseplate Temp °C
Power De-Rating
102-114 VAC
115-196 VAC
197-264 VAC
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Figure 1 — Module power de-rating for input voltage at baseplate temperature
PFC
BRICK
DC/DC
CONVERTER
R1 = 249 Ohm 0.25 W
C1 = ALEL 1500 µF min 3000 µF max 450 V
C2, C3 = 0.1µF 50V Ceramic
D1 = 800 V Diode
D2 = 12 V 0.5 W Zener
D3 = 0.2A 40V SCHOTTKY
F2 = 3A or 5A PC-Tron (see DC-DC safety approvals for details)
C2
0.1uF
50 V
C3
0.1uF
50 V
249R
1/4W
D3
200mA
F2
3A / 5A
R1
D1
800 V
D2
12 V
PC
PR
+In
–In
+Out
MOD EN
N/C3
N/C2
•
•
••
••
••
•
•
C1
pp
RT1
•
R2
249R 1/4W
[a] R2
= 249 Ohm 0.25 W
RT1*= Cantherm F20BE068505 (85C)
F20BE0610005 (100C)
*Note: RT1 must be placed as close to PFC baseplate as possible
Figure 2 — Mod EN protection circuit and Optional Thermal Safety Ckt
[a] Optional, not required
•
>
>
EMI
Filter
PFC
BRICK
JMK
P/N FF-2137B-13
NOTE:
C = 4.7nF
C1 and F2 are the same as those shown in Figure 2
F1 = Bussman ABC-15 UL-listed 250 V Fast Acting
C
C
C1
F1
F2
Line
Neutral
Line
Neutral
+
–
MOD EN
N/C
N/C
Protection
Figure 2
+
–
PC
PR
V375x
•
Figure 3— Typical Connection diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com