Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP-MPFC1H22 Datasheet(PDF) 7 Page - Vicor Corporation

Part # GP-MPFC1H22
Description  AC Input Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GP-MPFC1H22 Datasheet(HTML) 7 Page - Vicor Corporation

  GP-MPFC1H22 Datasheet HTML 1Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 2Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 3Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 4Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 5Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 6Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 7Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 8Page - Vicor Corporation GP-MPFC1H22 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MIL-COTS PFC Front End
Rev 1.3
vicorpower.com
Page 7 of 9
01/2014
800 927.9474
Granite Power
GP-MPFC1H21
Not Recommended for New Designs
PFC Brick
Pin function/description
LINE/NEUTRAL (Pins 1 & 4)
Connect single phase AC mains from appropriate EMI filter to
these pins via a 15 Amp 250V fuse. Connect the output of the
filter to the LINE and NEUTRAL pins of the PFC Brick. To
meet MIL-STD-461E/F requirements, an EMI filter between the
AC input and PFC Brick similar to that shown in Fig. 4
is required.
N/C (Pins 2, 3, 6, 7)
No Connect. Do not connect to these pins.
MOD ENABLE (Pin 8)
Connect this pin to the down stream Vicor DC/DC converter(s)
PC pin as shown in Figure 2. The external circuitry between the
MOD ENABLE pin and PC pin shown in the figure must be
used to ensure proper operation. During power up, the MOD
ENABLE pin is held low until the PFC output is up and
regulating. Any fault with the PFC output will cause this pin to
go low and held low until the fault is cleared. If an external load
is connected directly to the output of the PFC Brick, do not
apply the load until the holdup capacitors are fully charged.
+/- OUTPUTS (+ Pin 9, - Pin 5)
Connect the +OUT pin to the +IN of the respected Vicor DC/DC
converter. Connect the -OUT pin to the -IN of the respected
Vicor DC/DC converter. In addition, external hold-up capacitor
of 1500uF with a minimum voltage rating of 450VDC is
required across the +OUT and –OUT pins. This capacitor must
be in close proximity of the PFC Brick. Do not exceed 3000uF
of total output capacitance.
Safety Features:
Over Temperature Shut Down:
The PFC Brick is designed to shut down if the baseplate
temperature (measured in the center of the baseplate) exceeds
100°C. Certain line and load conditions dictate lower maximum
temperatures as indicated in Figure 1.
Exceeding the power/temperature limits shown in Figure 1 or
the maximum 100°C limit may result in permanent module
failure. We do not guarantee module survival if the temperature
limits are exceeded.
The addition of the thermal safety components shown in Figure
2 should be used if the application requires operation at input
voltage and output power where a lower baseplate temperature
is required.
Output Over Voltage Protection:
In the event the PFC output exceeds approximately 415VDC, the
boost converter will momentarily shut down to keep the PFC
output below 415VDC. The MOD Enable pin will go low and
stay low until the PFC output returns to its normal
operating range.
Safety Notes:
The PFC Brick is not isolated from the AC mains. An isolation
transformer must be used when making scope measurements.
The PFC Brick does not provide input to output isolation.
Differential probes should be used to avoid destructive ground
loops.
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com