Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5521 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 1 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
400 MHz to 4000 MHz
Low Noise Amplifier
Data Sheet
ADL5521
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Operation from 400 MHz to 4000 MHz
Noise figure of 0.8 dB at 900 MHz
Requires few external components
Integrated active bias control circuit
Integrated dc blocking capacitors
Adjustable bias for low power applications
Single-supply operation from 3 V to 5 V
Gain of 20.8 dB at 900 MHz
OIP3 of 37.0 dBm at 900 MHz
P1dB of 21.8 dBm at 900 MHz
Small footprint LFCSP
Pin-compatible version with 21.5 dB gain available
FUNCTIONAL BLOCK DIAGRAM
1
VBIAS
2
RFIN
3
NIC
4
NIC
7RFOUT
8VPOS
6NIC
5NIC
ACTIVE
BIAS
ADL5521
NIC = NO INTERNAL CONNECTION.
DO NOT CONNECT TO THIS PIN.
Figure 1.
GENERAL DESCRIPTION
The ADL5521 is a high performance GaAs pHEMT low noise
amplifier. It provides high gain and low noise figure for single-
downconversion IF sampling receiver architectures as well as
direct-downconversion receivers.
The ADL5521 provides a high level of integration by incorporating
the active bias and dc blocking capacitors, making it very easy
to use while not sacrificing design flexibility.
The ADL5521 is easy to tune, requiring only a few external
components. The device can support operation from 3 V to 5 V,
and the current draw can be adjusted with the external bias
resistor for applications requiring low power consumption.
The ADL5521 comes in a compact, thermally enhanced, 3 mm ×
3 mm LFCSP and operates over the temperature range of
−40°C to +85C.
A fully populated evaluation board is also available.


Similar Part No. - ADL5521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521 Datasheet
496Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
ADL5521 AD-ADL5521 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
496Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
496Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
More results

Similar Description - ADL5521

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com