Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11640 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11640
Description  ~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11640 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11640 Datasheet HTML 1Page - Ledil, Inc. CA11640 Datasheet HTML 2Page - Ledil, Inc. CA11640 Datasheet HTML 3Page - Ledil, Inc. CA11640 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11640_LR2-O-90
LR2-O-90
~10° x 40° oval beam optimized for LUXEON
Rebel. 14.5 mm high assembly with installation
tape. Variant with beam direction rotated 90°.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.5 mm
Fastening
tape, pin
Colour
white
Box size
480 x 280 x 300 mm
Box weight
9.5 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-O-90
Lens
PMMA
clear
LR2-LH1-WHT
Holder
PC
white
HEIDI-TAPE
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11640

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11643 CREE-CA11643 Datasheet
234Kb / 5P
Laura series
logo
Ledil, Inc.
CA11643 LEDIL-CA11643 Datasheet
1Mb / 6P
~11째 smooth spot beam optimized for CREE XP-E.
CA11643 LEDIL-CA11643 Datasheet
2Mb / 10P
Laura-XP series
25.01.2010 REV 1
More results

Similar Description - CA11640

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA12393 LEDIL-CA12393 Datasheet
2Mb / 5P
~40째 wide beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
CA12394 LEDIL-CA12394 Datasheet
2Mb / 4P
~40째 wide beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12629 LEDIL-CA12629 Datasheet
4Mb / 6P
~10째 x 40째 oval beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
FA11063 LEDIL-FA11063 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FA11108 LEDIL-FA11108 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
FA11834 LEDIL-FA11834_18 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FCA11275 LEDIL-FCA11275 Datasheet
2Mb / 4P
~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
FCN11106 LEDIL-FCN11106 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
CX11364 LEDIL-CX11364 Datasheet
5Mb / 4P
~40째 x 12째 oval beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com