Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16435 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16435
Description  Asymmetric beam. Assembly with installation tape.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16435 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16435 Datasheet HTML 1Page - Ledil, Inc. CA16435 Datasheet HTML 2Page - Ledil, Inc. CA16435 Datasheet HTML 3Page - Ledil, Inc. CA16435 Datasheet HTML 4Page - Ledil, Inc. CA16435 Datasheet HTML 5Page - Ledil, Inc. CA16435 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CA16435_LXP2-SS-WAS
LXP2-SS-WAS
Asymmetric beam. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 20 mm
Height
14.7 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
9.1 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-SS-WAS
Lens
PMMA
clear
LXP2-WAS-HLD
Holder
PC
black
HEIDI-TAPE
Tape
PU tape
black
Last update: 09/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16435

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
More results

Similar Description - CA16435

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15584 LEDIL-CA15584 Datasheet
2Mb / 4P
~340째 decorative beam. Assembly with installation tape.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
~60째 beam. Assembly with installation tape
CA16372 LEDIL-CA16372 Datasheet
1Mb / 4P
~90째 beam. Assembly with installation tape
CA15536 LEDIL-CA15536 Datasheet
1Mb / 4P
Asymmetric beam. Assembly with holder and installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
Asymmetric beam. Assembly with installation tape.
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
Side emitter beam. Assembly with installation tape.
CA16308 LEDIL-CA16308 Datasheet
5Mb / 5P
Asymmetric beam for wall-washing. Assembly with holder and installation tape.
FA16987 LEDIL-FA16987 Datasheet
3Mb / 4P
~20째 medium beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com