Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1DX Datasheet(PDF) 6 Page - Recom International Power

Part # R1DX
Description  1 Watt SMD Single & Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DX Datasheet(HTML) 6 Page - Recom International Power

  R1DX Datasheet HTML 1Page - Recom International Power R1DX Datasheet HTML 2Page - Recom International Power R1DX Datasheet HTML 3Page - Recom International Power R1DX Datasheet HTML 4Page - Recom International Power R1DX Datasheet HTML 5Page - Recom International Power R1DX Datasheet HTML 6Page - Recom International Power R1DX Datasheet HTML 7Page - Recom International Power R1DX Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
black plastic (UL94V-0)
FR4 (UL94V-0)
Package Dimension (LxWxH)
single
12.75 x 11.10 x 5.80mm
dual
15.24 x 11.10 x 8.00mm
Package Weight
single
1.0g typ.
dual
1.2g typ.
continued on next page
R1SX/R1DX
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 3/2018
www.recom-power.com
Dimension Drawing R1SX (mm)
Pin Connection
Pin #
Single
1
-Vin
2
+Vin
4
-Vout
5
+Vout
8
NC
CG= center of gravity
NC= no connection
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin
Thickness:
±0.05mm
Lenght:
+0.25/-0.50mm
Bottom View
Top View
1
8
5
8
5
4
2
1
4
2
11.1
12.75
0.50
8.9
2.56
3x2.54= 7.62
0.80
1.27
2.54
CG
Recommended Footprint Details
Component Liss Class A
Model
C1
C2
L1
R1SX-3.3xxS
22µF MLCC
470pF/4kVDC
N/A
R1SX-05xxS
R1DX-05xxD
10µF MLCC
10µH SMD Inductor
Component Liss Class B
Model
C1
C2
L1
R1SX-3.3xxS
22µF MLCC
470pF/4kVDC
3.3µH SMD Inductor
R1SX-05xxS
10µF MLCC
4.7µH SMD Inductor
R1DX-05xxD
10µH SMD Inductor
Single Output
Dual Output
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
Com.
EMC Filtering Suggestions for EN55032



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com