Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSG-T67K Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LSG-T67K
Description  white PLCC-4 package, colorless clear resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSG-T67K Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LSG-T67K Datasheet HTML 3Page - OSRAM GmbH LSG-T67K Datasheet HTML 4Page - OSRAM GmbH LSG-T67K Datasheet HTML 5Page - OSRAM GmbH LSG-T67K Datasheet HTML 6Page - OSRAM GmbH LSG-T67K Datasheet HTML 7Page - OSRAM GmbH LSG-T67K Datasheet HTML 8Page - OSRAM GmbH LSG-T67K Datasheet HTML 9Page - OSRAM GmbH LSG-T67K Datasheet HTML 10Page - OSRAM GmbH LSG-T67K Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LSG T67K
2016-10-04
7
Durchlassstrom
6) Seite 18
Forward Current
6) page 18
I
F = f (VF); TS = 25 °C; super red
Relative Lichtstärke
6) Seite 18
Relative Luminous Intensity
6) page 18
I
V/IV(2 mA) = f (IF); TS = 25 °C; super red
Durchlassstrom
6) Seite 18
Forward Current
6) page 18
I
F = f (VF); TS = 25 °C; green
Relative Lichtstärke
6) Seite 18
Relative Luminous Intensity
6) page 18
I
V/IV(2 mA) = f (IF); TS = 25 °C; green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com