Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T67D Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-T67D
Description  white PLCC-2 package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T67D Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-T67D Datasheet HTML 1Page - OSRAM GmbH LS-T67D Datasheet HTML 2Page - OSRAM GmbH LS-T67D Datasheet HTML 3Page - OSRAM GmbH LS-T67D Datasheet HTML 4Page - OSRAM GmbH LS-T67D Datasheet HTML 5Page - OSRAM GmbH LS-T67D Datasheet HTML 6Page - OSRAM GmbH LS-T67D Datasheet HTML 7Page - OSRAM GmbH LS-T67D Datasheet HTML 8Page - OSRAM GmbH LS-T67D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2012-03-12
1
2012-03-12
TOPLED
Datasheet
Version 1.1
LS T67D
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage, ein qualitativ hochwertiges Produkt für alle
Arten von Anwendungen anzubieten.
Features:
Besondere Merkmale:
Package: white PLCC-2 package, colorless clear
resin
Gehäusetyp: white PLCC-2 package, farbloser
klarer Verguss
Technology: InGaAlP
Technologie: InGaAlP
Viewing angle at 50 % I
V: (typ.) 120°
(Lambertian Emitter)
Abstrahlwinkel bei 50 % I
V: (typ.) 120°
(Lambertscher Strahler)
Color: super red (633 nm)
Farbe: super rot (633 nm)
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
Applications
Anwendungen
Backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Interior automotive lighting (e.g. dashboard
backlighting etc.)
Interior automotive lighting (e.g. dashboard
backlighting etc.)
Marker lights (e.g. steps, exit ways, etc.)
Marker lights (e.g. steps, exit ways, etc.)
Signal and symbol luminaire
Signal and symbol luminaire
Backlighting
Hinterleuchtung
Automotive Interior Lighting
Automobilbeleuchtung innen
Signal and Symbol Luminairy
Signal- und Symbolleuchten


Similar Part No. - LS-T67D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-T670 OSRAM-LS-T670 Datasheet
441Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T670-J1K2-1-Z OSRAM-LS-T670-J1K2-1-Z Datasheet
441Kb / 19P
TOPLED
LS-T676 OSRAM-LS-T676 Datasheet
569Kb / 15P
white P-LCC-2 package, colorless clear resin
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
TOPLED
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
More results

Similar Description - LS-T67D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
white PLCC-2 package, colorless clear resin
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com