Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSY-T67B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSY-T67B
Description  white P-LCC-4 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY-T67B Datasheet(HTML) 1 Page - OSRAM GmbH

  LSY-T67B Datasheet HTML 1Page - OSRAM GmbH LSY-T67B Datasheet HTML 2Page - OSRAM GmbH LSY-T67B Datasheet HTML 3Page - OSRAM GmbH LSY-T67B Datasheet HTML 4Page - OSRAM GmbH LSY-T67B Datasheet HTML 5Page - OSRAM GmbH LSY-T67B Datasheet HTML 6Page - OSRAM GmbH LSY-T67B Datasheet HTML 7Page - OSRAM GmbH LSY-T67B Datasheet HTML 8Page - OSRAM GmbH LSY-T67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LSY T67B
Multi TOPLED
®
Enhanced Optical Power LED
Lead (Pb) Free Product - RoHS Compliant
2012-11-14
1
Besondere Merkmale
• Gehäusetyp: weißes P-LCC-4 Gehäuse,
farbloser klarer Verguss
• Besonderheit des Bauteils: mehr Licht durch
erhöhten optischen Wirkungsgrad
• Wellenlänge: 633 nm (super-rot),
587 nm (gelb)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Technologie: InGaAlP
• optischer Wirkungsgrad:
14 lm/W (super-rot), 20 lm/W (gelb)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 2000/Rolle, ø180 mm
oder 8000/Rolle, ø330 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• optischer Indikator
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
Features
• package: white P-LCC-4 package, colorless
clear resin
• feature of the device: more light due to higher
optical efficiency
• wavelength: 633 nm (super-red),
587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 14 lm/W (super-red),
20 lm/W (yellow)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or
8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• optical indicators
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)


Similar Part No. - LSY-T67B

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LSY-T67B AMSOSRAM-LSY-T67B Datasheet
429Kb / 15P
Multi TOPLED®
2012-11-14
More results

Similar Description - LSY-T67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBLTLVE63C OSRAM-LBLTLVE63C Datasheet
363Kb / 18P
white P-LCC-4 package, colorless clear resin
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
white P-LCC-4 package, colorless clear resin
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
white P-LCC-4 package, colorless clear resin
LAY-T67F OSRAM-LAY-T67F Datasheet
254Kb / 16P
white P-LCC-4 package, colorless clear resin
LB-E67C OSRAM-LB-E67C Datasheet
458Kb / 17P
white P-LCC-4 package, colorless clear resin
LOG-T671 OSRAM-LOG-T671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T676 OSRAM-LSG-T676 Datasheet
362Kb / 16P
white P-LCC-4 package, colorless clear resin
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
white P-LCC-4 package, colorless clear resin
LSY-T676 OSRAM-LSY-T676 Datasheet
398Kb / 17P
white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com