Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6535IBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6535IBZ
Description  Synchronous Buck Pulse-Width Modulator (PWM) Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6535IBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6535IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6535IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL6535
FN9255 Rev 3.00
Page 3 of 15
March 3, 2016
Ordering Information
PART NUMBER
(Notes 4, 5)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL6535CBZ (Note 1)
6535CBZ
0 to +70
14 Ld SOIC
M14.15
ISL6535IBZ (Note 1)
6535IBZ
-40 to +85
14 Ld SOIC
M14.15
ISL6535CRZ (Note 2)
65 35CRZ
0 to +70
16 Ld 4x4 QFN
L16.4x4
ISL6535IRZ (Note 3)
65 35IRZ
-40 to +85
16 Ld 4x4 QFN
L16.4x4
1. Add “-T” suffix for 2.5k unit tape and reel option. Please refer to TB347 for details on reel specifications.
2. Add “-T” suffix for 6k unit tape and reel option. Please refer to TB347 for details on reel specifications.
3. Add “-T” suffix for 6k unit or -TK for 1k unit tape and reel options. Please refer to TB347 for details on reel specifications.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see product information page for ISL6535. For more information on MSL, please see tech brief TB363.
Block Diagram
FIGURE 1. BLOCK DIAGRAM
SOFT-START
BOOT
UGATE
GND
FB
AND
FAULT LOGIC
COMP
PGND
LGATE
EA
PWM
PVCC
VCC
GATE
CONTROL
LOGIC
INTERNAL
REGULATOR
OSCILLATOR
RT
30mA
SSDONE
SS
POWER-ON
RESET (POR)
(QFN ONLY)
REFIN
VREF = 0.597V
REFERENCE
EN
(QFN ONLY)
OCSET
200mA
SOURCE OCP
PHASE
6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com