Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8121 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
G52163-0, Rev 4.2
Page 1
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC8121 is a monolithic Phase Locked Loop (PLL) based clock generator designed for telecommuni-
cations systems operating at 2.5Gb/s. The VSC8121 incorporates a reactance-based (LC) Voltage Controlled
Oscillator (VCO) with low phase noise. The PLL’s loop filter is on-chip.
The device has a differential 2.488GHz CML clock output (CO/CON) signal, a single-ended TTL low-
speed clock (LSCLK) output equivalent in frequency to that of the reference clock, and a TTL reference clock
input selectable for 51.84MHz, 77.76MHz or 155.52MHz. TTL inputs REFSEL[0:1] are used to make this
selection.
A clean REFCLK signal is required since jitter below the PLL loop bandwidth, which is present on the
REFCLK input, will appear on the output. Jitter on REFCLK at frequencies above the loop bandwidth will be
attenuated by the PLL. The state of REFSEL[0:1] will select which frequency is expected on the REFCLK
input.
VSC8121 Functional Block Diagram
• Monolithic Phase Locked Loop
• On-Chip LC Oscillator
• On-Chip Loop Filter
• TTL/CMOS Reference Clock
• Selectable Reference
• Jitter Meets SONET OC-48 and
SDH STM-16 Requirements
• High-Speed CML Clock Output
• Single 3.3V Supply
• Compact 10mm x 10mm 44 Pin PQFP Package
REFCLK
LSCLK
CO
CON
Ph.Freq.
Detector
Loop
Filter
CLOCK
OUT
VCO
Divider
REFSEL[0:1]


Similar Part No. - VSC8121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8122QP VITESSE-VSC8122QP Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
Target Specification
More results

Similar Description - VSC8121

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com