Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7940W Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7940W
Description  SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7940W Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7940W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7940W Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7940
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 10
G52357-0, Rev 3.2
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Reducing Pattern-Dependent Jitter
Three design values significantly affect pattern-dependent jitter; the capacitor at CAPC, the pull-up induc-
tor at the output (LP), and the AC-coupling capacitor at the output (CD). As previously stated, the recommended
value for the capacitor at CAPC is 0.1
µF. This results in a 10kHz loop bandwidth which makes the pattern-
dependent jitter from the APC loop negligible.
For 2.5Gb/s data rates, the recommended value for CD is 0.056µF. The time constant at the output is domi-
nated by LP. The variation in the peak voltage should be less that 12% of the average voltage over the maximum
consecutive identical digit (CID) period. The following equation approximates this time constant for a CID
period, t, of 100UI = 40ns:
τ
LP = -t / ln(1-12%) = 7.8t = LP / 25Ω
Therefore, the inductor LP should be a 7.8µH SMD ferrite bead inductor for this case.
Input/Output Considerations
Although the VSC7940 is PECL-compatible, this is not required to drive the device. The inputs must only
meet the common-mode voltage and differential voltage swing specifications.
Power Consumption
The following equation provides the device supply current (IS) in terms of quiescent current (IQ), modula-
tion current (IMOD), and bias current (IBIAS):
IS = 19mA + 0.4 * IMOD + 0.16 * IBIAS
This equation may be used to determine the estimated power dissipation:
PDIS = VCC * IS
For example, if the device were operated at 5V with a 30mA modulation current and a 10mA bias current,
the supply current would be:
IS = 19mA + 0.4 * 30mA + 0.16 * 10mA = 33mA
This corresponds to a power dissipation of 5V * 33mA = 165mW.P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com