Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUB116 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUB116
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB116 Datasheet(HTML) 2 Page - IXYS Corporation

  VUB116 Datasheet HTML 1Page - IXYS Corporation VUB116 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
Advanced Technical Information
VUB 116 / 145
I
R
V
R = VRRM, TVJ =
25°C
0.1
mA
V
R = VRRM, TVJ = 150°C
2
mA
V
F
I
F =
80 A, T
VJ = 25°C
VUB 116
1.43
V
I
F = 150 A, TVJ = 25°C
VUB 145
1.68
V
V
T0
for power-loss calculations only
VUB 116
0.85
V
VUB 145
0.85
V
r
T
T
VJ = 150°C
VUB 116
7.1
m
Ω
VUB 145
5.9
m
Ω
R
thJC
per diode
VUB 116
0.65 K/W
VUB 145
0.5 K/W
R
thCH
VUB 116
0.1 K/W
VUB 145
0.1 K/W
V
BR(CES)
V
GS = 0 V, IC = 0.1 mA
1200
V
V
GE(th)
I
C = 8 mA
VUB 116
4.5
6.45
V
I
C = 3 mA
VUB 145
4.5
6.45
V
I
CES
T
VJ =
25°C, V
CE = 1200 V
0.1
mA
T
VJ = 125°C, VCE = 0,8 • VCES
0.5
mA
V
CEsat
V
GE = 15 V, IC = 100 A
VUB 116
3.5
V
V
GE = 15 V, IC = 150 A
VUB 145
3.7
V
t
SC (SCSOA)
V
GE = 15 V, VCE = 720 V, TVJ = 125°C,
10
µs
RBSOA
V
GE = 15 V, VCE = 1200 V, TVJ = 125°C,
clamped inductive load, L = 100 µH
R
G = 22 Ω
VUB 116
100
A
R
G = 15 Ω
VUB 145
150
A
C
ies
V
CE = 25 V, f = 1 MHz, VGE = 0 V VUB 116
3.8
nF
VUB 145
5.7
nF
t
d(on)
150
ns
t
d(off)
680
ns
E
on
VUB 116
6
mJ
VUB 145
9
mJ
E
off
VUB 116
5
mJ
VUB 145
7.5
mJ
R
thJC
VUB 116
0.33 K/W
VUB 145
0.22 K/W
R
thJH
VUB 116
0.66 K/W
VUB 145
0.44 K/W
I
R
V
R = VRRM,
T
VJ =
25°C
0.25
mA
V
R = 1200 V,
T
VJ = 125°C
1
mA
V
F
I
F = 30 A,
T
VJ =
25°C
2.76
V
V
T0
For power-loss calculations only
1.3
V
r
T
T
VJ = 150°C
16
m
Ω
I
RM
I
F = 50 A, -diF/dt = 100 A/µs, VR = 100 V
5.5
11
A
t
rr
I
F =
1 A, -di
F/dt = 200 A/µs, VR = 30 V
40
ns
R
thJC
0.9 K/W
R
thCH
0.1 K/W
R
25
4.75
5.0 5.25
k
Ω
B
25/50
3375
K
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE = 720 V, IC = 50/75 A
V
GE = 15 V, RG = 32/15 Ω
Inductive load; L = 100 µH
T
VJ = 125°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com