Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUW-CEUP.CE Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUW-CEUP.CE
Description  Ceramic package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CEUP.CE Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUW-CEUP.CE Datasheet HTML 8Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 9Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 10Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 11Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 12Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 13Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 14Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 15Page - OSRAM GmbH LUW-CEUP.CE Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2017-07-21
12
Version 1.3
LUW CEUP.CE
Package Outline 7) page 22
Maßzeichnung 7) Seite 22
Approximate Weight:
7.8 mg
Gewicht:
7.8 mg
Note
Percentage of red: >5% acc. to ECE regulation
Percentage of UV: <10-5 W/lm acc. to ECE
regulation
Anm.
Rotanteil: >5% gem. ECE-Richtlinie UV-Anteil:
<10-5 W/lm gem. ECE-Richtlinie
Mark:
Cathode
Markierung:
Kathode
ESD information:
LED is protected by ESD device which is
connected in parallel to LED-Chip.
ESD Information:
Die LED enthält ein ESD-Bauteil, das parallel zum
Chip geschaltet ist.
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S /
336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com